Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5304ARMZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD5304ARMZ
Description  2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5304ARMZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5304ARMZ Datasheet HTML 16Page - Analog Devices AD5304ARMZ Datasheet HTML 17Page - Analog Devices AD5304ARMZ Datasheet HTML 18Page - Analog Devices AD5304ARMZ Datasheet HTML 19Page - Analog Devices AD5304ARMZ Datasheet HTML 20Page - Analog Devices AD5304ARMZ Datasheet HTML 21Page - Analog Devices AD5304ARMZ Datasheet HTML 22Page - Analog Devices AD5304ARMZ Datasheet HTML 23Page - Analog Devices AD5304ARMZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
AD5304/AD5314/AD5324
Rev. H | Page 23 of 24
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
Branding
AD5304ARM
–40°C to +105°C
10-Lead MSOP
RM-10
DBA
AD5304ARM-REEL7
–40°C to +105°C
10-Lead MSOP
RM-10
DBA
AD5304ARMZ
–40°C to +105°C
10-Lead MSOP
RM-10
D9W
AD5304ARMZ-REEL7
–40°C to +105°C
10-Lead MSOP
RM-10
D9W
AD5304ACPZ-REEL7
–40°C to +105°C
10-Lead LFCSP_WD
CP-10-9
DBA#
AD5304BRM
–40°C to +105°C
10-Lead MSOP
RM-10
DBB
AD5304BRM-REEL
–40°C to +105°C
10-Lead MSOP
RM-10
DBB
AD5304BRM-REEL7
–40°C to +105°C
10-Lead MSOP
RM-10
DBB
AD5304BRMZ
–40°C to +105°C
10-Lead MSOP
RM-10
DBB#
AD5304BRMZ-REEL
–40°C to +105°C
10-Lead MSOP
RM-10
DBB#
AD5304BRMZ-REEL7
–40°C to +105°C
10-Lead MSOP
RM-10
DBB#
AD5304BCPZ-REEL7
–40°C to +105°C
10-Lead LFCSP_WD
CP-10-9
DBB#
AD5314ACPZ-REEL7
–40°C to +105°C
10-Lead LFCSP_WD
CP-10-9
DCA#
AD5314ARM
–40°C to +105°C
10-Lead MSOP
RM-10
DCA
AD5314ARM-REEL7
–40°C to +105°C
10-Lead MSOP
RM-10
DCA
AD5314ARMZ
–40°C to +105°C
10-Lead MSOP
RM-10
DCA#
AD5314ARMZ-REEL7
–40°C to +105°C
10-Lead MSOP
RM-10
DCA#
AD5314WARMZ-REEL7
–40°C to +105°C
10-Lead MSOP
RM-10
DCA#
AD5314BCPZ-REEL7
–40°C to +105°C
10-Lead LFCSP_WD
CP-10-9
DCB#
AD5314BRM
–40°C to +105°C
10-Lead MSOP
RM-10
DCB
AD5314BRM-REEL
–40°C to +105°C
10-Lead MSOP
RM-10
DCB
AD5314BRM-REEL7
–40°C to +105°C
10-Lead MSOP
RM-10
DCB
AD5314BRMZ
–40°C to +105°C
10-Lead MSOP
RM-10
DCB#
AD5314BRMZ-REEL
–40°C to +105°C
10-Lead MSOP
RM-10
DCB#
AD5314BRMZ-REEL7
–40°C to +105°C
10-Lead MSOP
RM-10
DCB#
AD5324ACPZ-REEL7
–40°C to +105°C
10-Lead LFCSP_WD
CP-10-9
DDA#
AD5324ARM
–40°C to +105°C
10-Lead MSOP
RM-10
DDA
AD5324ARM-REEL7
–40°C to +105°C
10-Lead MSOP
RM-10
DDA
AD5324ARMZ
–40°C to +105°C
10-Lead MSOP
RM-10
D8F
AD5324ARMZ-REEL7
–40°C to +105°C
10-Lead MSOP
RM-10
D8F
AD5324BCPZ-REEL7
–40°C to +105°C
10-Lead LFCSP_WD
CP-10-9
DDB#
AD5324BRM
–40°C to +105°C
10-Lead MSOP
RM-10
DDB
AD5324BRM-REEL
–40°C to +105°C
10-Lead MSOP
RM-10
DDB
AD5324BRM-REEL7
–40°C to +105°C
10-Lead MSOP
RM-10
DDB
AD5324BRMZ
–40°C to +105°C
10-Lead MSOP
RM-10
DDB#
AD5324BRMZ-REEL
–40°C to +105°C
10-Lead MSOP
RM-10
DDB#
AD5324BRMZ-REEL7
–40°C to +105°C
10-Lead MSOP
RM-10
DDB#
1 Z =
RoHS Compliant Part; # denotes lead-free product can be top or bottom marked.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The AD5314WARMZ-REEL7 model is available with controlled manufacturing to support the quality and reliability requirements of
automotive applications. Note that this automotive model may have specifications that differ from the commercial models; therefore
designers should review the Specifications section of this data sheet carefully. Only the automotive grade product shown is available for
use in automotive applications. Contact your local Analog Devices account representative for specific product ordering information and
to obtain the specific Automotive Reliability reports for this model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com