Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5304ARMZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD5304ARMZ
Description  2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5304ARMZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5304ARMZ Datasheet HTML 10Page - Analog Devices AD5304ARMZ Datasheet HTML 11Page - Analog Devices AD5304ARMZ Datasheet HTML 12Page - Analog Devices AD5304ARMZ Datasheet HTML 13Page - Analog Devices AD5304ARMZ Datasheet HTML 14Page - Analog Devices AD5304ARMZ Datasheet HTML 15Page - Analog Devices AD5304ARMZ Datasheet HTML 16Page - Analog Devices AD5304ARMZ Datasheet HTML 17Page - Analog Devices AD5304ARMZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD5304/AD5314/AD5324
Data Sheet
Rev. H | Page 14 of 24
THEORY OF OPERATION
FUNCTIONAL DESCRIPTION
The AD5304/AD5314/AD5324 are quad, resistor-string DACs
fabricated on a CMOS process with resolutions of 8, 10, and 12
bits, respectively. Each contains four output buffer amplifiers and
is written to via a 3-wire serial interface. They operate from single
supplies of 2.5 V to 5.5 V, and the output buffer amplifiers provide
rail-to-rail output swing with a slew rate of 0.7 V/μs. The four
DACs share a single reference input pin. The devices have pro-
grammable power-down modes, in which all DACs can be turned
off completely with a high impedance output.
Digital-to-Analog
The architecture of one DAC channel consists of a resistor-string
DAC followed by an output buffer amplifier. The voltage at the
REFIN pin provides the reference voltage for the DAC. Figure 30
shows a block diagram of the DAC architecture. Since the input
coding to the DAC is straight binary, the ideal output voltage is
given by
N
REF
OUT
D
V
V
2
where
D = decimal equivalent of the binary code that is loaded to the
DAC register:
0–255 for AD5304 (8 bits)
0–1023 for AD5314 (10 bits)
0–4095 for AD5324 (12 bits)
N = DAC resolution.
REFIN
OUTPUT BUFFER
AMPLIFIER
RESISTOR
STRING
DAC
REGISTER
INPUT
REGISTER
VOUTA
Figure 30. DAC Channel Architecture
Resistor String
The resistor string section is shown in Figure 31. It is simply a
string of resistors, each of value R. The digital code loaded to the
DAC register determines at which node on the string the voltage
is tapped off to be fed into the output amplifier. The voltage is
tapped off by closing one of the switches connecting the string
to the amplifier. Because it is a string of resistors, it is guaranteed
monotonic.
R
R
R
R
R
TO OUTPUT
AMPLIFIER
Figure 31. Resistor String
DAC Reference Inputs
There is a single reference input pin for the four DACs. The
reference input is not buffered. The user can have a reference
voltage as low as 0.25 V or as high as VDD because there is no
restriction due to the headroom or footroom requirements of
any reference amplifier. It is recommended to use a buffered
reference in the external circuit (for example, REF192). The
input impedance is typically 45 kΩ.
Output Amplifier
The output buffer amplifier is capable of generating rail-to-rail
voltages on its output, giving an output range of 0 V to VDD when
the reference is VDD. It is capable of driving a load of 2 kΩ to
GND or VDD, in parallel with 500 pF to GND or VDD. The source
and sink capabilities of the output amplifier can be seen in the
plot in Figure 15.
The slew rate is 0.7 V/μs with a half-scale settling time to
±0.5 LSB (at eight bits) of 6 μs.
POWER-ON RESET
The AD5304/AD5314/AD5324 are provided with a power-on reset
function, so that they power up in a defined state. The power-on
state uses normal operation and an output voltage set to 0 V.
Both input and DAC registers are filled with zeros and remain
so until a valid write sequence is made to the device. This is
particularly useful in applications where it is important to know
the state of the DAC outputs while the device is powering up.
SERIAL INTERFACE
The AD5304/AD5314/AD5324 are controlled over a versatile,
3-wire serial interface that operates at clock rates up to 30 MHz
and are compatible with SPI, QSPI, MICROWIRE, and DSP
interface standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com