Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5304ARMZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD5304ARMZ
Description  2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5304ARMZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5304ARMZ Datasheet HTML 16Page - Analog Devices AD5304ARMZ Datasheet HTML 17Page - Analog Devices AD5304ARMZ Datasheet HTML 18Page - Analog Devices AD5304ARMZ Datasheet HTML 19Page - Analog Devices AD5304ARMZ Datasheet HTML 20Page - Analog Devices AD5304ARMZ Datasheet HTML 21Page - Analog Devices AD5304ARMZ Datasheet HTML 22Page - Analog Devices AD5304ARMZ Datasheet HTML 23Page - Analog Devices AD5304ARMZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD5304/AD5314/AD5324
Data Sheet
Rev. H | Page 20 of 24
POWER SUPPLY BYPASSING AND GROUNDING
In any circuit where accuracy is important, careful consideration of
the power supply and ground return layout helps to ensure the
rated performance. The printed circuit board on which the
AD5304/AD5314/AD5324 is mounted is designed so that the
analog and digital sections are separated and confined to certain
areas of the board. If the AD5304/AD5314/AD5324 are in a
system where multiple devices require an AGND-to-DGND
connection, the connection is made at one point only. The star
ground point is established as close as possible to the device. The
AD5304/AD5314/AD5324 has ample supply bypassing of 10 μF in
parallel with 0.1 μF on the supply located as close to the package as
possible, ideally right up against the device. The 10 μF capacitors
are the tantalum bead type. The 0.1 μF capacitor has low effective
series resistance (ESR) and effective series inductance (ESI), like
the common ceramic types that provide a low impedance path
to ground at high frequencies, to handle transient currents due
to internal logic switching.
The power supply lines of the AD5304/AD5314/AD5324 use as
large a trace as possible to provide low impedance paths and reduce
the effects of glitches on the power supply line. Fast switching
signals such as clocks are shielded with digital ground to avoid
radiating noise to other parts of the board, and are never run
near the reference inputs. Avoid crossover of digital and analog
signals. Traces on opposite sides of the board run at right angles
to each other. This reduces the effects of feedthrough through
the board. A microstrip technique is by far the best, but is not
always possible with a double-sided board. In this technique,
the component side of the board is dedicated to a ground plane
while signal traces are placed on the solder side.
Table 7. Overview of AD53xx Serial Devices
Part No.
Resolution
No. of DACs
DNL
Interface
Settling Time (μs)
Package
Pins
SINGLES
AD5300
8
1
±0.25
SPI
4
SOT-23, MSOP
6, 8
AD5310
10
1
±0.5
SPI
6
SOT-23, MSOP
6, 8
AD5320
12
1
±1.0
SPI
8
SOT-23, MSOP
6, 8
AD5301
8
1
±0.25
2-Wire
6
SOT-23, MSOP
6, 8
AD5311
10
1
±0.5
2-Wire
7
SOT-23, MSOP
6, 8
AD5321
12
1
±1.0
2-Wire
8
SOT-23, MSOP
6, 8
DUALS
AD5302
8
2
±0.25
SPI
6
MSOP
8
AD5312
10
2
±0.5
SPI
7
MSOP
8
AD5322
12
2
±1.0
SPI
8
MSOP
8
AD5303
8
2
±0.25
SPI
6
TSSOP
16
AD5313
10
2
±0.5
SPI
7
TSSOP
16
AD5323
12
2
±1.0
SPI
8
TSSOP
16
QUADS
AD5304
8
4
±0.25
SPI
6
MSOP, LFCSP
10
AD5314
10
4
±0.5
SPI
7
MSOP, LFCSP
10
AD5324
12
4
±1.0
SPI
8
MSOP, LFCSP
10
AD5305
8
4
±0.25
2-Wire
6
MSOP
10
AD5315
10
4
±0.5
2-Wire
7
MSOP
10
AD5325
12
4
±1.0
2-Wire
8
MSOP
10
AD5306
8
4
±0.25
2-Wire
6
TSSOP
16
AD5316
10
4
±0.5
2-Wire
7
TSSOP
16
AD5326
12
4
±1.0
2-Wire
8
TSSOP
16
AD5307
8
4
±0.25
SPI
6
TSSOP
16
AD5317
10
4
±0.5
SPI
7
TSSOP
16
AD5327
12
4
±1.0
SPI
8
TSSOP
16
OCTALS
AD5308
8
8
±0.25
SPI
6
TSSOP
16
AD5318
10
8
±0.5
SPI
7
TSSOP
16
AD5328
12
8
±1.0
SPI
8
TSSOP
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com