Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5304ARMZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD5304ARMZ
Description  2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5304ARMZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5304ARMZ Datasheet HTML 13Page - Analog Devices AD5304ARMZ Datasheet HTML 14Page - Analog Devices AD5304ARMZ Datasheet HTML 15Page - Analog Devices AD5304ARMZ Datasheet HTML 16Page - Analog Devices AD5304ARMZ Datasheet HTML 17Page - Analog Devices AD5304ARMZ Datasheet HTML 18Page - Analog Devices AD5304ARMZ Datasheet HTML 19Page - Analog Devices AD5304ARMZ Datasheet HTML 20Page - Analog Devices AD5304ARMZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
AD5304/AD5314/AD5324
Rev. H | Page 17 of 24
AD5304/AD5314/AD5324 to 68HC11/68L11 Interface
Figure 37 shows a serial interface between the AD5304/AD5314/
AD5324 and the 68HC11/68L11 microcontroller. SCK of the
68HC11/68L11 drives the SCLK of the AD5304/AD5314/AD5324,
while the MOSI output drives the serial data line (DIN) of the
DAC. The SYNC signal is derived from a port line (PC7). The
setup conditions for the correct operation of this interface are as
follows: the 68HC11/68L11 is configured so that its CPOL bit is
a 0 and its CPHA bit is a 1. When data is being transmitted to the
DAC, the SYNC line is taken low (PC7). When the 68HC11/68L11
is configured as above, data appearing on the MOSI output is
valid on the falling edge of SCK. Serial data from the 68HC11/
68L11 is transmitted in 8-bit bytes with only eight falling clock
edges occurring in the transmit cycle. Data is transmitted MSB
first. To load data to the AD5304/ AD5314/AD5324, PC7 is left
low after the first eight bits are transferred, a second serial write
operation is performed to the DAC, and PC7 is taken high at
the end of this procedure.
AD5304/
AD5314/
AD5324*
68HC11/68L11*
*ADDITIONAL PINS OMITTED FOR CLARITY.
SCLK
SCK
DIN
MOSI
SYNC
PC7
Figure 37. AD5304/AD5314/AD5324 to 68HC11/68L11 Interface
AD5304/AD5314/AD5324 to 80C51/80L51 Interface
Figure 38 shows a serial interface between the AD5304/AD5314/
AD5324 and the 80C51/80L51 microcontroller. The setup for
the interface is as follows: TxD of the 80C51/80L51 drives SCLK
of the AD5304/AD5314/AD5324, while RxD drives the serial
data line of the part. The SYNC signal is again derived from a
bit-programmable pin on the port. In this case, port line P3.3 is
used. When data is to be transmitted to the AD5304/AD5314/
AD5324, P3.3 is taken low. The 80C51/80L51 transmits data
only in 8-bit bytes; thus only eight falling clock edges occur in
the transmit cycle. To load data to the DAC, P3.3 is left low after
the first eight bits are transmitted, and a second write cycle is
initiated to transmit the second byte of data. P3.3 is taken high
following the completion of this cycle. The 80C51/80L51 outputs
the serial data in a format that has the LSB first. The AD5304/
AD5314/AD5324 requires its data with the MSB as the first bit
received. The 80C51/80L51 transmit routine takes this into
account.
AD5304/
AD5314/
AD5324*
80C51/80L51*
*ADDITIONAL PINS OMITTED FOR CLARITY.
SCLK
TxD
DIN
RxD
SYNC
P3.3
Figure 38. AD5304/AD5314/AD5324 to 80C51/80L51 Interface
AD5304/AD5314/AD5324 to MICROWIRE Interface
Figure 39 shows an interface between the AD5304/AD5314/
AD5324 and any MICROWIRE-compatible device. Serial data
is shifted out on the falling edge of the serial clock, SK, and is
clocked into the AD5304/AD5314/AD5324 on the rising edge
of SK, which corresponds to the falling edge of the DAC’s SCLK.
AD5304/
AD5314/
AD5324*
MICROWIRE*
*ADDITIONAL PINS OMITTED FOR CLARITY.
SCLK
SK
DIN
SO
SYNC
CS
Figure 39. AD5304/AD5314/AD5324 to MICROWIRE Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com