Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5304ARMZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD5304ARMZ
Description  2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5304ARMZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5304ARMZ Datasheet HTML 15Page - Analog Devices AD5304ARMZ Datasheet HTML 16Page - Analog Devices AD5304ARMZ Datasheet HTML 17Page - Analog Devices AD5304ARMZ Datasheet HTML 18Page - Analog Devices AD5304ARMZ Datasheet HTML 19Page - Analog Devices AD5304ARMZ Datasheet HTML 20Page - Analog Devices AD5304ARMZ Datasheet HTML 21Page - Analog Devices AD5304ARMZ Datasheet HTML 22Page - Analog Devices AD5304ARMZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
AD5304/AD5314/AD5324
Rev. H | Page 19 of 24
Opto-Isolated Interface for Process Control Applications
The AD5304/AD5314/AD5324 have a versatile 3-wire serial
inter-face, making them ideal for generating accurate voltages
in process control and industrial applications. Due to noise,
safety requirements, or distance, it might be necessary to isolate
the AD5304/AD5314/AD5324 from the controller. This can
easily be achieved by using opto-isolators, which provide isolation
in excess of 3 kV. The actual data rate achieved is limited by the
type of optocouplers chosen. The serial loading structure of the
AD5304/AD5314/AD5324 makes them ideally suited for use in
opto-isolated applications. Figure 42 shows an opto-isolated
interface to the AD5304 where DIN, SCLK, and SYNC are driven
from optocouplers. The power supply to the part also needs to
be isolated. This is done by using a transformer. On the DAC
side of the transformer, a 5 V regulator provides the 5 V supply
required for the AD5304.
SCLK
DIN
AD5304
SYNC
GND
5V
REGULATOR
POWER
VDD
10µF
0.1µF
REFIN
VDD
10kΩ
10kΩ
10kΩ
DIN
SYNC
SCLK
VDD
VDD
VOUTA
VOUTB
VOUTC
VOUTD
Figure 42. AD5304 in an Opto-Isolated Interface
DECODING MULTIPLE AD5304/AD5314/AD5324S
The SYNC pin on the AD5304/AD5314/AD5324 can be used
in applications to decode a number of DACs. In this application, all
the DACs in the system receive the same serial clock and serial
data, but SYNC can only be active to one of the devices at any one
time, allowing access to four channels in this 16-channel system.
The 74HC139 is used as a 2-to-4-line decoder to address any of the
DACs in the system. To prevent timing errors, the enable input
must be brought to its inactive state while the coded address
inputs are changing state. Figure 43 shows a diagram of a typical
setup for decoding multiple AD5304 devices in a system.
74HC139
ENABLE
CODED
ADDRESS
1G
1A
1B
DGND
1Y0
1Y1
1Y2
1Y3
SCLK
DIN
VCC
VDD
DIN
SCLK
AD5304
SYNC
DIN
SCLK
AD5304
SYNC
DIN
SCLK
AD5304
SYNC
DIN
SCLK
AD5304
SYNC
VOUTA
VOUTB
VOUTC
VOUTD
VOUTA
VOUTB
VOUTC
VOUTD
VOUTA
VOUTB
VOUTC
VOUTD
VOUTA
VOUTB
VOUTC
VOUTD
Figure 43. Decoding Multiple AD5304 Devices in a System
AD5304/AD5314/AD5324 as a Digitally Programmable
Window Detector
A digitally programmable upper/lower limit detector using two
DACs in the AD5304/AD5314/AD5324 is shown in Figure 44.
The upper and lower limits for the test are loaded to DAC A
and DAC B, which, in turn, set the limits on the CMP04. If the
signal at the VIN input is not within the programmed window,
an LED indicates the fail condition. Similarly, DAC C and DAC D
can be used for window detection on a second VIN signal.
*ADDITIONAL PINS OMITTED FOR CLARITY.
5V
1/2
CMP04
FAIL
PASS
1/6 74HC05
VREF
SCLK
DIN
VOUTA
VDD
1/2
AD5304/AD5314/
AD5324*
REFIN
GND
0.1µF
10µF
1kΩ
1kΩ
VIN
PASS/FAIL
DIN
SCLK
SYNC
SYNC
VOUTB
Figure 44. Window Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com