Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33FJ128GP708 Datasheet(PDF) 25 Page - Microchip Technology

Part # 33FJ128GP708
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ128GP708 Datasheet(HTML) 25 Page - Microchip Technology

Back Button 33FJ128GP708 Datasheet HTML 21Page - Microchip Technology 33FJ128GP708 Datasheet HTML 22Page - Microchip Technology 33FJ128GP708 Datasheet HTML 23Page - Microchip Technology 33FJ128GP708 Datasheet HTML 24Page - Microchip Technology 33FJ128GP708 Datasheet HTML 25Page - Microchip Technology 33FJ128GP708 Datasheet HTML 26Page - Microchip Technology 33FJ128GP708 Datasheet HTML 27Page - Microchip Technology 33FJ128GP708 Datasheet HTML 28Page - Microchip Technology 33FJ128GP708 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 23
dsPIC33F
8.0
dsPIC33F PERIPHERALS
The Digital Signal Controller (DSC) family of 16-bit
DSC devices provides the integrated functionality of
many
peripherals.
Specific
peripheral
functions
include:
• Analog-to-Digital Converters
- 10-bit High-Speed A/D Converter
- 12-bit High-Resolution A/D Converter
• General Purpose 16-Bit Timers
• Motor Control PWM module
• Quadrature Encoder Interface module
• Input Capture module
• Output Compare/PWM module
• Data Converter Interface
• Serial Peripheral Interface (SPI™) module
•UART module
•I2C™ module
• Controller Area Network (CAN) module
• I/O pins
8.1
Analog-to-Digital Converters
The Analog-to-Digital (A/D) Converters provide up to
32 analog inputs with both single-ended and differential
inputs. These modules offer on-board sample and hold
circuitry.
To minimize control loop errors due to finite update
times (conversion plus computations), a high-speed
low-latency ADC is required.
In addition, several hardware features have been
included in the peripheral interface to improve real-time
performance in a typical DSP-based application.
• Result alignment options
• Automated sampling
• Automated channel scanning
• Dual port data buffer
• External conversion start control
The A/D Converter is available in either of the following
configurations:
• 10-bit, 1.1 Msps A/D module:
- 2.2 Msps A/D conversion using 2 channels
• 12-bit, 500 ksps A/D module:
- 1 Msps A/D conversion using 2 channels
Key features of the A/D module include:
• 10-bit or 12-bit resolution
• Unipolar differential sample/hold amplifiers
• Up to 32 input channels
• Selectable voltage reference sources
-External VREF+ and VREF- pins available
• ±1 LSB max Differential Nonlinearity (DNL)
(3.3V ±10%)
• ±1 LSB max Integral Nonlinearity (INL)
(3.3V ±10%)
• Up to 4 on-chip sample and hold amplifiers in
each A/D
- Enables simultaneous sampling of 2, 4 or
8 analog inputs
• Automated channel scanning
• Single-supply operation: 3.0-3.6V
• 2.2 Msps or 1 Msps sampling rate at 3.0V
• Ability to convert during CPU Sleep and Idle
modes
• Conversion start can be manual or synchronized
with 1 of 4 trigger sources (automatic, Timer3,
external interrupt, PWM period match)
• A/D can use DMA for buffer storage
• Lower and upper half of buffer can be filled on
alternate conversions
8.2
General Purpose Timer Modules
The General Purpose (GP) timer modules provide the
time base elements for input capture and output
compare/PWM. They can be configured for Real-Time
Clock operation as well as various timer/counter
modes. The timer modes count pulses of the internal
time base, whereas counter modes count external
pulses that appear on the timer clock pin.
The dsPIC33F device supports up to nine 16-bit timers
(Timer1 through Timer9). Eight of the 16-bit timers can
be configured as four 32-bit timers (Timer2/3, Timer4/5,
Timer6/7 and Timer8/9). Each timer has several
selectable operating modes.
8.2.1
TIMER1
The Timer1 module (Figure 8-1) is a 16-bit timer that can
serve as the time counter for an asynchronous Real-
Time Clock, or operate as a free-running interval timer/
counter. The 16-bit timer has the following modes:
•16-Bit Timer
• 16-Bit Synchronous Counter
• 16-Bit Asynchronous Counter
Further, the following operational characteristics are
supported:
• Timer gated by external pulse
• Selectable prescaler settings
• Timer operation during CPU Idle and Sleep modes
• Interrupt on 16-Bit Period register match or falling
edge of external gate signal
Timer1, when operating in Real-Time Clock (RTC)
mode, provides time of day and event time-stamping
capabilities. Key operational features of the RTC are:
• Operation from 32 kHz LP oscillator
• 8-bit prescaler
•Low power
• Real-Time Clock interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com