Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33FJ128GP708 Datasheet(PDF) 33 Page - Microchip Technology

Part # 33FJ128GP708
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ128GP708 Datasheet(HTML) 33 Page - Microchip Technology

Back Button 33FJ128GP708 Datasheet HTML 29Page - Microchip Technology 33FJ128GP708 Datasheet HTML 30Page - Microchip Technology 33FJ128GP708 Datasheet HTML 31Page - Microchip Technology 33FJ128GP708 Datasheet HTML 32Page - Microchip Technology 33FJ128GP708 Datasheet HTML 33Page - Microchip Technology 33FJ128GP708 Datasheet HTML 34Page - Microchip Technology 33FJ128GP708 Datasheet HTML 35Page - Microchip Technology 33FJ128GP708 Datasheet HTML 36Page - Microchip Technology 33FJ128GP708 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 31
dsPIC33F
8.12
I/O Pins
Some pins for the I/O pin functions are multiplexed with
an alternate function for the peripheral features on the
device. In general, when a peripheral is enabled, that
pin may not be used as a general purpose I/O pin.
All I/O port pins have three registers directly associated
with the operation of the port pin. The Data Direction
register determines whether the pin is an input or an
output. The Port Data Latch register provides latched
output data for the I/O pins. The Port register provides
visibility of the logic state of the I/O pins. Reading the
Port register provides the I/O pin logic state, while
writes to the Port register write the data to the Port Data
Latch register.
I/O port pins have latch bits (Port Data Latch register).
This register, when read, yields the contents of the I/O
latch and when written, modifies the contents of the I/O
latch, thus modifying the value driven out on a pin if the
corresponding Data Direction register bit is configured
for output. This can be used in read-modify-write
instructions that allow the user to modify the contents
of the Port Data Latch register, regardless of the status
of the corresponding pins.
The I/O pins have the following features:
• Schmitt Trigger input
• CMOS output drivers
• Weak internal pull-up
All I/O pins configured as digital inputs can accept 5V
signals. This provides a degree of compatibility with
external signals of different voltage levels. However, all
digital outputs and analog pins can only generate
voltage levels up to 3.6V.
The input change notification module gives dsPIC33F
devices the ability to generate interrupt requests to the
processor in response to a change of state on selected
input pins. This module is capable of detecting input
changes of state, even in Sleep mode, when the clocks
are disabled. There are up to 24 external signals (CN0
through CN23) that can be selected (enabled) for
generating an interrupt request on a change of state.
Each of the CN pins also has an optional weak pull-up
feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com