Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33FJ128GP708 Datasheet(PDF) 6 Page - Microchip Technology

Part # 33FJ128GP708
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ128GP708 Datasheet(HTML) 6 Page - Microchip Technology

Back Button 33FJ128GP708 Datasheet HTML 2Page - Microchip Technology 33FJ128GP708 Datasheet HTML 3Page - Microchip Technology 33FJ128GP708 Datasheet HTML 4Page - Microchip Technology 33FJ128GP708 Datasheet HTML 5Page - Microchip Technology 33FJ128GP708 Datasheet HTML 6Page - Microchip Technology 33FJ128GP708 Datasheet HTML 7Page - Microchip Technology 33FJ128GP708 Datasheet HTML 8Page - Microchip Technology 33FJ128GP708 Datasheet HTML 9Page - Microchip Technology 33FJ128GP708 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
dsPIC33F
DS70155C-page 4
Preliminary
© 2005 Microchip Technology Inc.
1.2
Motor Control Family
This
family
of
dsPIC33F
controllers
(Table 1-2)
supports a variety of motor control applications, such
as brushless DC motors, single and 3-phase induction
motors
and
switched
reluctance
motors.
These
products are also well-suited for Uninterrupted Power
Supply (UPS), inverters, Switched mode power
supplies,
power
factor
correction
and
also
for
controlling the power management module in servers,
telecommunication equipment and other industrial
equipment.
TABLE 1-2:
dsPIC33F MOTOR CONTROL AND POWER CONVERSION FAMILY VARIANTS
Device
Pins
Program
Flash
Memory
(KB)
RAM(1)
(KB)
Packages
33FJ64MC506
64
64
8
9
8
8
8 ch
1
0
1 A/D,
16 ch
22
2
1
53
PT
33FJ64MC508
80
64
8
9
8
8
8 ch
1
0
1 A/D,
18 ch
22
2
1
69
PT
33FJ64MC510
100
64
8
9
8
8
8 ch
1
0
1 A/D,
24 ch
22
2
1
85
PF, PT
33FJ64MC706
64
64
16
9
8
8
8 ch
1
0
2 A/D,
16 ch
22
2
1
53
PT
33FJ64MC710
100
64
16
9
8
8
8 ch
1
0
2 A/D,
24 ch
22
2
2
85
PF, PT
33FJ128MC506
64
128
8
9
8
8
8 ch
1
0
1 A/D,
16 ch
22
2
1
53
PT
33FJ128MC510
100
128
8
9
8
8
8 ch
1
0
1 A/D,
24 ch
22
2
1
85
PF, PT
33FJ128MC706
64
128
16
9
8
8
8 ch
1
0
2 A/D,
16 ch
22
2
1
53
PT
33FJ128MC708
80
128
16
9
8
8
8 ch
1
0
2 A/D,
18 ch
22
2
1
69
PT
33FJ128MC710
100
128
16
9
8
8
8 ch
1
0
2 A/D,
24 ch
22
2
2
85
PF, PT
33FJ256MC510
100
256
16
9
8
8
8 ch
1
0
1 A/D,
24 ch
22
2
1
85
PF, PT
33FJ256MC710
100
256
30
9
8
8
8 ch
1
0
2 A/D,
24 ch
22
2
2
85
PF, PT
Note
1:
RAM size is inclusive of 2 KB DMA RAM.
2:
Maximum I/O pin count includes pins shared by the peripheral functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com