Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33FJ128GP708 Datasheet(PDF) 29 Page - Microchip Technology

Part # 33FJ128GP708
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ128GP708 Datasheet(HTML) 29 Page - Microchip Technology

Back Button 33FJ128GP708 Datasheet HTML 25Page - Microchip Technology 33FJ128GP708 Datasheet HTML 26Page - Microchip Technology 33FJ128GP708 Datasheet HTML 27Page - Microchip Technology 33FJ128GP708 Datasheet HTML 28Page - Microchip Technology 33FJ128GP708 Datasheet HTML 29Page - Microchip Technology 33FJ128GP708 Datasheet HTML 30Page - Microchip Technology 33FJ128GP708 Datasheet HTML 31Page - Microchip Technology 33FJ128GP708 Datasheet HTML 32Page - Microchip Technology 33FJ128GP708 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 27
dsPIC33F
8.4
Quadrature Encoder Interface
(QEI) Module
Quadrature encoders (also referred to as incremental
encoders or optical encoders) are used in position and
speed
detection
of
rotating
motion
systems.
Quadrature encoders enable closed-loop control of
many motor control applications, such as Switched
Reluctance (SR) Motor and AC Induction Motor
(ACIM).
Typically, three outputs termed, Phase A, Phase B and
INDEX, provide information that can be decoded to
provide information on the movement of the motor
shaft, including distance and direction.
A quadrature decoder captures the phase signals and
index pulse and converts the information into a numeric
count of the position pulses. Generally, the count will
increment when the shaft is rotating one direction and
decrement when the shaft is rotating in the other
direction.
The QEI module (Figure 8-3) includes:
• Three input pins for two phase signals and index
pulse
• Programmable digital noise filters on inputs
• Quadrature decoder providing counter pulses and
count direction
• 16-bit up/down position counter
• Count direction status
• x2 and x4 count resolution
• Two modes of Position Counter Reset
• General Purpose16-Bit Timer/Counter mode
• Interrupts generated by QEI or counter events
FIGURE 8-3:
QUADRATURE ENCODER INTERFACE BLOCK DIAGRAM
16-Bit Up/Down Counter
Comparator/
Max Count Register
Quadrature
Programmable
Digital Filter
QEA
Programmable
Digital Filter
INDX
1
Up/Down
Existing Pin Logic
UPDN
3
Encoder
Programmable
Digital Filter
QEB
Interface Logic
QEIM<2:0>
Mode Select
3
(POSCNT)
(MAXCNT)
PCDOUT
QEIIF
Event
Flag
Reset
Equal
2
TCY
1
0
TQCS
TQCKPS<1:0>
2
1, 8, 64, 256
Prescaler
Q
Q
D
CK
TQGATE
QEIM<2:0>
Synchronize
Det
1
0
Sleep Input
0
1
UPDN_SRC
QEICON<11>
Zero Detect
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com