Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33FJ128GP708 Datasheet(PDF) 35 Page - Microchip Technology

Part # 33FJ128GP708
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ128GP708 Datasheet(HTML) 35 Page - Microchip Technology

Back Button 33FJ128GP708 Datasheet HTML 31Page - Microchip Technology 33FJ128GP708 Datasheet HTML 32Page - Microchip Technology 33FJ128GP708 Datasheet HTML 33Page - Microchip Technology 33FJ128GP708 Datasheet HTML 34Page - Microchip Technology 33FJ128GP708 Datasheet HTML 35Page - Microchip Technology 33FJ128GP708 Datasheet HTML 36Page - Microchip Technology 33FJ128GP708 Datasheet HTML 37Page - Microchip Technology 33FJ128GP708 Datasheet HTML 38Page - Microchip Technology 33FJ128GP708 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 33
dsPIC33F
TABLE 9-2:
SYMBOLS USED IN SUMMARY TABLES
Symbol
Description
#
Literal operand designation
Acc
Accumulator A or Accumulator B
AWB
Accumulator Write Back
bit4
4-bit wide bit position (0:15)
Expr
Absolute address, label or expression (resolved by the linker)
f
File register address
lit1
1-bit literal (0:1)
lit4
4-bit literal (0:15)
lit5
5-bit literal (0:31)
lit8
8-bit literal (0:255)
lit10
10-bit literal (0:255 for Byte mode, 0:1023 for Word mode)
lit14
14-bit literal (0:16383)
lit16
16-bit literal (0:65535)
lit23
23-bit literal (0:8388607)
Slit4
Signed 4-bit literal (-8:7)
Slit6
Signed 6-bit literal (-16:16)
Slit10
Signed 10-bit literal (-512:511)
Slit16
Signed 16-bit literal (-32768:32767)
TOS
Top-of-Stack
Wb
Base working register
Wd
Destination working register (direct and indirect addressing)
Wm, Wn
Working register divide pair (dividend, divisor)
Wm*Wm
Working register multiplier pair (same source register)
Wm*Wn
Working register multiplier pair (different source registers)
Wn
Both source and destination working register (direct addressing)
Wnd
Destination working register (direct addressing)
Wns
Source working register (direct addressing)
WREG
Default working register
Ws
Source working register (direct and indirect addressing)
Wx
Source addressing mode and working register for X data bus prefetch
Wxd
Destination working register for X data bus prefetch
Wy
Source addressing mode and working register for Y data bus prefetch
Wyd
Destination working register for Y data bus prefetch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com