Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33FJ128GP708 Datasheet(PDF) 27 Page - Microchip Technology

Part # 33FJ128GP708
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

33FJ128GP708 Datasheet(HTML) 27 Page - Microchip Technology

Back Button 33FJ128GP708 Datasheet HTML 23Page - Microchip Technology 33FJ128GP708 Datasheet HTML 24Page - Microchip Technology 33FJ128GP708 Datasheet HTML 25Page - Microchip Technology 33FJ128GP708 Datasheet HTML 26Page - Microchip Technology 33FJ128GP708 Datasheet HTML 27Page - Microchip Technology 33FJ128GP708 Datasheet HTML 28Page - Microchip Technology 33FJ128GP708 Datasheet HTML 29Page - Microchip Technology 33FJ128GP708 Datasheet HTML 30Page - Microchip Technology 33FJ128GP708 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 25
dsPIC33F
The PWM module has the following features:
• Dedicated time base supports TCY/2 PWM edge
resolution
• Two output pins (pair) for each PWM generator
• Complementary or independent operation for
each output pin pair
• Hardware dead-time generators for
Complementary mode
• Output pin polarity defined by nonvolatile device
configuration bits
• Multiple output modes:
- Edge-Aligned mode
- Center-Aligned mode
- Center-Aligned mode with double updates
- Single Event mode
• Manual override register for PWM output pins
• Hardware Fault input pins with programmable
function
• Trigger for synchronizing A/D samples and
conversions to PWM timing
• Each output pin associated with the PWM can be
individually enabled
8.3.1
PWM TIME BASE
The PWM time base is provided by a 15-bit timer with
a prescaler and postscaler. The PWM time base can be
configured for four different modes of operation:
• Free-Running mode
• Single-Shot mode
• Continuous Up/Down Count mode
• Continuous Up/Down Count mode with interrupts
for double updates
The Up/Down Counting modes support center-aligned
PWM generation. The Single-Shot mode allows the
PWM module to support pulse control of certain
Electronically Commutated Motors (ECMs).
Table 8-1 lists the frequencies and resolutions that can
be attained as a function of the dsPIC33F device
instruction cycle frequency.
TABLE 8-1:
EXAMPLE PWM FREQUENCIES AND RESOLUTIONS, 1:1 PRESCALER
TCY (FCY)
PTPER Value
PWM Resolution
PWM Frequency*
25 ns (40 MHz)
0x7FFF
16 bits
1220 Hz
25 ns (40 MHz)
0x03FF
11 bits
39.1 kHz
50 ns (20 MHz)
0x7FFF
16 bits
610 Hz
50 ns (20 MHz)
0x01FF
10 bits
39.1 kHz
100 ns (10 MHz)
0x7FFF
16 bits
305 Hz
100 ns (10 MHz)
0x00FF
9 bits
39.1 kHz
200 ns (5 MHz)
0x7FFF
16 bits
153 Hz
200 ns (5 MHz)
0x007F
8 bits
39.1 kHz
* PWM frequencies will be 1/2 the value indicated for center-aligned operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com