Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJMC304IMM Datasheet(PDF) 30 Page - Microchip Technology

Part # DSPIC33FJMC304IMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304IMM Datasheet(HTML) 30 Page - Microchip Technology

Back Button DSPIC33FJMC304IMM Datasheet HTML 26Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 27Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 28Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 29Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 30Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 31Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 32Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 33Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 30
© 2007-2012 Microchip Technology Inc.
4.1.1
PROGRAM MEMORY
ORGANIZATION
The program memory space is organized in
word-addressable blocks. Although it is treated as
24 bits wide, it is more appropriate to think of each
address of the program memory as a lower and upper
word, with the upper byte of the upper word being
unimplemented. The lower word always has an even
address, while the upper word has an odd address
(Figure 4-2).
Program memory addresses are always word-aligned
on the lower word, and addresses are incremented or
decremented by two during code execution. This
arrangement provides compatibility with data memory
space addressing and makes data in the program
memory space accessible.
4.1.2
INTERRUPT AND TRAP VECTORS
All dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
devices reserve the addresses between 0x00000 and
0x000200 for hard-coded program execution vectors.
A hardware Reset vector is provided to redirect code
execution from the default value of the PC on device
Reset to the actual start of code. A GOTO instruction is
programmed by the user application at 0x000000, with
the actual address for the start of code at 0x000002.
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
devices also have two interrupt vector tables, located
from 0x000004 to 0x0000FF and 0x000100 to
0x0001FF. These vector tables allow each of the
device interrupt sources to be handled by separate
Interrupt Service Routines (ISRs). A more detailed
discussion of the interrupt vector tables is provided in
Section 7.1 “Interrupt Vector Table”.
FIGURE 4-2:
PROGRAM MEMORY ORGANIZATION
0
8
16
PC Address
0x000000
0x000002
0x000004
0x000006
23
00000000
00000000
00000000
00000000
Program Memory
‘Phantom’ Byte
(read as ‘0’)
least significant word
most significant word
Instruction Width
0x000001
0x000003
0x000005
0x000007
msw
Address
(lsw Address)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com