Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJMC304IMM Datasheet(PDF) 67 Page - Microchip Technology

Part # DSPIC33FJMC304IMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304IMM Datasheet(HTML) 67 Page - Microchip Technology

Back Button DSPIC33FJMC304IMM Datasheet HTML 63Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 64Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 65Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 66Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 67Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 68Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 69Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 70Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 67
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
6.4
Power-on Reset (POR)
A Power-on Reset (POR) circuit ensures the device is
reset from power-on. The POR circuit is active until
VDD crosses the VPOR threshold and the delay TPOR
has elapsed. The delay TPOR ensures the internal
device bias circuits become stable.
The device supply voltage characteristics must meet
the
specified
starting
voltage
and
rise
rate
requirements to generate the POR. Refer to
Section 24.0 “Electrical Characteristics” for details.
The POR status bit (POR) in the Reset Control register
(RCON<0>) is set to indicate the Power-on Reset.
6.4.1
Brown-out Reset (BOR) and
Power-up timer (PWRT)
The on-chip regulator has a Brown-out Reset (BOR)
circuit that resets the device when the VDD is too low
(VDD < VBOR) for proper device operation. The BOR
circuit keeps the device in Reset until VDD crosses
VBOR threshold and the delay TBOR has elapsed. The
delay TBOR ensures the voltage regulator output
becomes stable.
The BOR status bit (BOR) in the Reset Control register
(RCON<1>) is set to indicate the Brown-out Reset.
The device will not run at full speed after a BOR as the
VDD should rise to acceptable levels for full-speed
operation. The PWRT provides power-up time delay
(TPWRT) to ensure that the system power supplies have
stabilized at the appropriate levels for full-speed
operation before the SYSRST is released.
The power-up timer delay (TPWRT) is programmed by
the Power-on Reset Timer Value Select bits
(FPWRT<2:0>) in the POR Configuration register
(FPOR<2:0>), which provides eight settings (from 0 ms
to 128 ms). Refer to Section 21.0 “Special Features”
for further details.
Figure 6-3 shows the typical brown-out scenarios. The
reset delay (TBOR + TPWRT) is initiated each time VDD
rises above the VBOR trip point
TABLE 6-2:
OSCILLATOR DELAY
Symbol
Parameter
Value
VPOR
POR threshold
1.8V nominal
TPOR
POR extension time
30
μs maximum
VBOR
BOR threshold
2.5V nominal
TBOR
BOR extension time
100
μs maximum
TPWRT
Programmable power-up time delay
0-128 ms nominal
TFSCM
Fail-Safe Clock Monitor Delay
900
μs maximum
Note:
When the device exits the Reset
condition (begins normal operation), the
device operating parameters (voltage,
frequency, temperature, etc.) must be
within their operating ranges, other-
wise the device may not function cor-
rectly.
The
user
application
must
ensure that the delay between the time
power is first applied, and the time
SYSRST becomes inactive, is long
enough to get all operating parameters
within specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com