Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJMC304IMM Datasheet(PDF) 100 Page - Microchip Technology

Part # DSPIC33FJMC304IMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304IMM Datasheet(HTML) 100 Page - Microchip Technology

Back Button DSPIC33FJMC304IMM Datasheet HTML 96Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 97Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 98Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 99Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 100Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 101Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 102Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 103Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 100
© 2007-2012 Microchip Technology Inc.
7.5
Interrupt Setup Procedures
7.5.1
INITIALIZATION
To configure an interrupt source at initialization:
1.
Set the NSTDIS bit (INTCON1<15>) if nested
interrupts are not desired.
2.
Select the user-assigned priority level for the
interrupt source by writing the control bits in the
appropriate IPCx register. The priority level will
depend on the specific application and type of
interrupt source. If multiple priority levels are not
desired, the IPCx register control bits for all
enabled interrupt sources can be programmed
to the same non-zero value.
3.
Clear the interrupt flag status bit associated with
the peripheral in the associated IFSx register.
4.
Enable the interrupt source by setting the
interrupt enable control bit associated with the
source in the appropriate IECx register.
7.5.2
INTERRUPT SERVICE ROUTINE
The method used to declare an Interrupt Service Rou-
tine (ISR) and initialize the IVT with the correct vector
address depends on the programming language (C or
assembler) and the language development tool suite
used to develop the application.
In general, the user application must clear the interrupt
flag in the appropriate IFSx register for the source of
interrupt that the ISR handles. Otherwise, program will
re-enter the ISR immediately after exiting the routine. If
the ISR is coded in assembly language, it must be
terminated using a RETFIE instruction to unstack the
saved PC value, SRL value and old CPU priority level.
7.5.3
TRAP SERVICE ROUTINE
A Trap Service Routine (TSR) is coded like an ISR,
except that the appropriate trap status flag in the
INTCON1 register must be cleared to avoid re-entry
into the TSR.
7.5.4
INTERRUPT DISABLE
All user interrupts can be disabled using this
procedure:
1.
Push the current SR value onto the software
stack using the PUSH instruction.
2.
Force the CPU to priority level 7 by inclusive
ORing the value OEh with SRL.
To enable user interrupts, the POP instruction can be
used to restore the previous SR value.
The DISI instruction provides a convenient way to
disable interrupts of priority levels 1-6 for a fixed period
of time. Level 7 interrupt sources are not disabled by
the DISI instruction.
Note:
At a device Reset, the IPCx registers are
initialized such that all user interrupt
sources are assigned to priority level 4.
Note:
Only user interrupts with a priority level of
7 or lower can be disabled. Trap sources
(level 8-level 15) cannot be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com