Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJMC304IMM Datasheet(PDF) 68 Page - Microchip Technology

Part # DSPIC33FJMC304IMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304IMM Datasheet(HTML) 68 Page - Microchip Technology

Back Button DSPIC33FJMC304IMM Datasheet HTML 64Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 65Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 66Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 67Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 68Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 69Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 70Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 71Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 68
© 2007-2012 Microchip Technology Inc.
FIGURE 6-3:
BROWN-OUT SITUATIONS
6.5
External Reset (EXTR)
The external Reset is generated by driving the MCLR
pin low. The MCLR pin is a Schmitt trigger input with an
additional glitch filter. Reset pulses that are longer than
the minimum pulse-width will generate a Reset. Refer
to Section 24.0 “Electrical Characteristics” for
minimum pulse-width specifications. The External
Reset (MCLR) Pin (EXTR) bit in the Reset Control
register (RCON) is set to indicate the MCLR Reset.
6.5.1
EXTERNAL SUPERVISORY CIRCUIT
Many systems have external supervisory circuits that
generate reset signals to Reset multiple devices in the
system. This external Reset signal can be directly
connected to the MCLR pin to Reset the device when
the rest of system is Reset.
6.5.2
INTERNAL SUPERVISORY CIRCUIT
When using the internal power supervisory circuit to
Reset the device, the external reset pin (MCLR) should
be tied directly or resistively to VDD. In this case, the
MCLR pin will not be used to generate a Reset. The
external reset pin (MCLR) does not have an internal
pull-up and must not be left unconnected.
6.6
Software RESET Instruction (SWR)
Whenever the RESET instruction is executed, the
device will assert SYSRST, placing the device in a
special Reset state. This Reset state will not
re-initialize the clock. The clock source in effect prior to
the RESET instruction will remain. SYSRST is released
at the next instruction cycle, and the reset vector fetch
will commence.
The Software Reset (Instruction) Flag (SWR) bit in the
Reset Control register (RCON<6>) is set to indicate
the software Reset.
6.7
Watchdog Time-out Reset (WDTO)
Whenever a Watchdog time-out occurs, the device will
asynchronously assert SYSRST. The clock source will
remain unchanged. A WDT time-out during Sleep or
Idle mode will wake-up the processor, but will not reset
the processor.
The Watchdog Timer Time-out Flag bit (WDTO) in the
Reset Control register (RCON<4>) is set to indicate
the
Watchdog
Reset.
Refer
to
Section 21.4
“Watchdog Timer (WDT)” for more information on
Watchdog Reset.
6.8
Trap Conflict Reset
If a lower-priority hard trap occurs while a
higher-priority trap is being processed, a hard trap
conflict Reset occurs. The hard traps include
exceptions of priority level 13 through level 15,
inclusive. The address error (level 13) and oscillator
error (level 14) traps fall into this category.
The Trap Reset Flag bit (TRAPR) in the Reset Control
register (RCON<15>) is set to indicate the Trap Conflict
Reset. Refer to Section 7.0 “Interrupt Controller” for
more information on trap conflict Resets.
VDD
SYSRST
VBOR
VDD
SYSRST
VBOR
VDD
SYSRST
VBOR
TBOR + TPWRT
VDD dips before PWRT expires
TBOR + TPWRT
TBOR + TPWRT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com