Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJMC304IMM Datasheet(PDF) 65 Page - Microchip Technology

Part # DSPIC33FJMC304IMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304IMM Datasheet(HTML) 65 Page - Microchip Technology

Back Button DSPIC33FJMC304IMM Datasheet HTML 61Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 62Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 63Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 64Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 65Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 66Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 67Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 68Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 65
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
6.3
System Reset
The dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
family of devices have two types of Reset:
• Cold Reset
• Warm Reset
A cold Reset is the result of a Power-on Reset (POR)
or a Brown-out Reset (BOR). On a cold Reset, the
FNOSC configuration bits in the FOSC device
configuration register selects the device clock source.
A warm Reset is the result of all other reset sources,
including the RESET instruction. On warm Reset, the
device will continue to operate from the current clock
source as indicated by the Current Oscillator Selection
bits (COSC<2:0>) in the Oscillator Control register
(OSCCON<14:12>).
The device is kept in a Reset state until the system
power supplies have stabilized at appropriate levels
and the oscillator clock is ready. The sequence in
which this occurs is shown in Figure 6-2.
TABLE 6-1:
OSCILLATOR PARAMETERS
Oscillator Mode
Oscillator
Start-up Delay
Oscillator Start-up
Timer
PLL Lock Time
Total Delay
FRC, FRCDIV16,
FRCDIVN
TOSCD
——
TOSCD
FRCPLL
TOSCD
—TLOCK
TOSCD + TLOCK
XT
TOSCD
TOST
—TOSCD + TOST
HS
TOSCD
TOST
—TOSCD + TOST
EC
——
——
XTPLL
TOSCD
TOST
TLOCK
TOSCD + TOST + TLOCK
HSPLL
TOSCD
TOST
TLOCK
TOSCD + TOST + TLOCK
ECPLL
—
—
TLOCK
TLOCK
SOSC
TOSCD
TOST
—TOSCD + TOST
LPRC
TOSCD
——
TOSCD
Note 1: TOSCD = Oscillator Start-up Delay (1.1
μs max for FRC, 70 μs max for LPRC). Crystal Oscillator start-up
times vary with crystal characteristics, load capacitance, etc.
2: TOST = Oscillator Start-up Timer Delay (1024 oscillator clock period). For example, TOST = 102.4
μs for a
10 MHz crystal and TOST = 32 ms for a 32 kHz crystal.
3: TLOCK = PLL lock time (1.5 ms nominal), if PLL is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com