Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJMC304IMM Datasheet(PDF) 17 Page - Microchip Technology

Part # DSPIC33FJMC304IMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304IMM Datasheet(HTML) 17 Page - Microchip Technology

Back Button DSPIC33FJMC304IMM Datasheet HTML 13Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 14Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 15Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 16Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 17Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 18Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 19Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 20Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 17
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
3.0
CPU
The dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
CPU module has a 16-bit (data) modified Harvard
architecture with an enhanced instruction set, including
significant support for DSP. The CPU has a 24-bit
instruction word with a variable length opcode field. The
Program Counter (PC) is 23 bits wide and addresses up
to 4M x 24 bits of user program memory space. The
actual amount of program memory implemented varies
by device. A single-cycle instruction prefetch mechanism
is used to help maintain throughput and provides
predictable execution. All instructions execute in a single
cycle, with the exception of instructions that change the
program flow, the double-word move (MOV.D) instruction
and the table instructions. Overhead-free program loop
constructs are supported using the DO and REPEAT
instructions, both of which are interruptible at any point.
The dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
devices have sixteen, 16-bit working registers in the
programmer’s model. Each of the working registers can
serve as a data, address or address offset register. The
16th working register (W15) operates as a software Stack
Pointer (SP) for interrupts and calls.
There are two classes of instruction in the
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
devices: MCU and DSP. These two instruction classes
are seamlessly integrated into a single CPU. The
instruction set includes many addressing modes and is
designed for optimum C compiler efficiency. For most
instructions,
the
dsPIC33FJ32MC202/204
and
dsPIC33FJ16MC304 is capable of executing a data (or
program data) memory read, a working register (data)
read, a data memory write and a program (instruction)
memory read per instruction cycle. As a result, three
parameter instructions can be supported, allowing
A + B = C operations to be executed in a single cycle.
A block diagram of the CPU is shown in Figure 3-1, and
the
programmer’s
model
for
the
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304 is
shown in Figure 3-2.
3.1
Data Addressing Overview
The data space can be addressed as 32K words or
64 Kbytes and is split into two blocks, referred to as X
and Y data memory. Each memory block has its own
independent Address Generation Unit (AGU). The
MCU class of instructions operates solely through the
X memory AGU, which accesses the entire memory
map as one linear data space. Certain DSP instructions
operate through the X and Y AGUs to support dual
operand reads, which splits the data address space
into two parts. The X and Y data space boundary is
device-specific.
Overhead-free circular buffers (Modulo Addressing
mode) are supported in both X and Y address spaces.
The Modulo Addressing removes the software
boundary checking overhead for DSP algorithms.
Furthermore, the X AGU circular addressing can be
used with any of the MCU class of instructions. The X
AGU also supports Bit-Reversed Addressing to greatly
simplify input or output data reordering for radix-2 FFT
algorithms.
The upper 32 Kbytes of the data space memory map
can optionally be mapped into program space at any
16K program word boundary defined by the 8-bit
Program Space Visibility Page register (PSVPAG). The
program-to-data-space mapping feature lets any
instruction access program space as if it were data
space.
3.2
DSP Engine Overview
The DSP engine features a high-speed 17-bit by 17-bit
multiplier, a 40-bit ALU, two 40-bit saturating
accumulators and a 40-bit bidirectional barrel shifter.
The barrel shifter is capable of shifting a 40-bit value up
to 16 bits right or left, in a single cycle. The DSP
instructions operate
seamlessly with
all
other
instructions and have been designed for optimal
real-time performance. The MAC instruction and other
associated instructions can concurrently fetch two data
operands from memory while multiplying two W
registers and accumulating and optionally saturating
the result in the same cycle. This instruction
functionality requires that the RAM data space be split
for these instructions and linear for all others. Data
space partitioning is achieved in a transparent and
flexible manner through dedicating certain working
registers to each address space.
Note 1: This data sheet summarizes the features
of the dsPIC33FJ32MC202/204 and
dsPIC33FJ16MC304 family of devices. It
is not intended to be a comprehensive
reference source. To complement the
information in this data sheet, refer to
Section 2. “CPU” (DS70204) of the
“dsPIC33F/PIC24H Family Reference
Manual”, which is available from the
Microchip web site (www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com