Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJMC304IMM Datasheet(PDF) 123 Page - Microchip Technology

Part # DSPIC33FJMC304IMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304IMM Datasheet(HTML) 123 Page - Microchip Technology

Back Button DSPIC33FJMC304IMM Datasheet HTML 119Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 120Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 121Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 122Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 123Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 124Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 125Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 126Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 127Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 123
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
10.7
I/O Helpful Tips
1.
In some cases, certain pins as defined in TABLE
24-9: “DC Characteristics: I/O Pin Input Speci-
fications” under “Injection Current”, have internal
protection diodes to VDD and VSS. The term
“Injection Current” is also referred to as “Clamp
Current”. On designated pins, with sufficient exter-
nal current limiting precautions by the user, I/O pin
input voltages are allowed to be greater or less
than the data sheet absolute maximum ratings
with nominal VDD with respect to the VSS and VDD
supplies. Note that when the user application for-
ward biases either of the high or low side internal
input clamp diodes, that the resulting current being
injected into the device that is clamped internally
by the VDD and VSS power rails, may affect the
ADC accuracy by four to six counts.
2.
I/O pins that are shared with any analog input pin,
(i.e., ANx), are always analog pins by default after
any reset. Consequently, any pin(s) configured as
an analog input pin, automatically disables the dig-
ital input pin buffer. As such, any attempt to read a
digital input pin will always return a ‘0’ regardless
of the digital logic level on the pin if the analog pin
is configured. To use a pin as a digital I/O pin on a
shared ANx pin, the user application needs to con-
figure the analog pin configuration registers in the
ADC module, (i.e., ADxPCFGL, AD1PCFGH), by
setting the appropriate bit that corresponds to that
I/O port pin to a ‘1’. On devices with more than one
ADC, both analog pin configurations for both ADC
modules must be configured as a digital I/O pin for
that pin to function as a digital I/O pin.
3.
Most I/O pins have multiple functions. Referring to
the device pin diagrams in the data sheet, the pri-
orities of the functions allocated to any pins are
indicated by reading the pin name from
left-to-right. The left most function name takes pre-
cedence over any function to its right in the naming
convention. For example: AN16/T2CK/T7CK/RC1.
This indicates that AN16 is the highest priority in
this example and will supersede all other functions
to its right in the list. Those other functions to its
right, even if enabled, would not work as long as
any other function to its left was enabled. This rule
applies to all of the functions listed for a given pin.
4.
Each CN pin has a configurable internal weak
pull-up resistor. The pull-ups act as a current
source connected to the pin, and eliminates the
need for external resistors in certain applica-
tions. The internal pull-up is to ~(VDD-0.8) not
VDD. This is still above the minimum VIH of
CMOS and TTL devices.
5.
When driving LEDs directly, the I/O pin can source
or sink more current than what is specified in the
VOH/IOH and VOL/IOL DC characteristic specifica-
tion. The respective IOH and IOL current rating only
applies to maintaining the corresponding output at
or above the VOH and at or below the VOL levels.
However, for LEDs unlike digital inputs of an exter-
nally connected device, they are not governed by
the same minimum VIH/VIL levels. An I/O pin out-
put can safely sink or source any current less than
that listed in the absolute maximum rating section
of the data sheet. For example:
VOH = 2.4v @ IOH = -8 mA and VDD = 3.3V
The maximum output current sourced by any 8 mA
I/O pin = 12 mA.
LED source current < 12 mA is technically
permitted. Refer to the VOH/IOH graphs in
Section 24.0 “Electrical Characteristics” for
additional information.
10.8
I/O Resources
Many useful resources are provided on the main prod-
uct page of the Microchip web site for the devices listed
in this data sheet. This product page, which can be
accessed using this link, contains the latest updates
and additional information.
10.8.1
KEY RESOURCES
• Section 10. “I/O Ports” (DS70193)
• Code Samples
• Application Notes
• Software Libraries
• Webinars
• All related dsPIC33F/PIC24H Family Reference
Manuals Sections
• Development Tools
Note:
Although it is not possible to use a digital
input pin when its analog function is
enabled, it is possible to use the digital I/O
output function, TRISx = 0x0, while the
analog function is also enabled. However,
this is not recommended, particularly if the
analog input is connected to an external
analog voltage source, which would cre-
ate signal contention between the analog
signal and the output pin driver.
Note:
In the event you are not able to access
the product page using the link above,
enter
this
URL
in
your
browser:
http://www.microchip.com/wwwproducts/
Devices.aspx?dDocName=en530334



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com