Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJMC304IMM Datasheet(PDF) 166 Page - Microchip Technology

Part # DSPIC33FJMC304IMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304IMM Datasheet(HTML) 166 Page - Microchip Technology

Back Button DSPIC33FJMC304IMM Datasheet HTML 162Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 163Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 164Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 165Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 166Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 167Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 168Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 169Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 166
© 2007-2012 Microchip Technology Inc.
REGISTER 15-5:
PWMxCON1: PWM CONTROL REGISTER 1(2)
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
—
—
—
—
—
PMOD3
PMOD2
PMOD1
bit 15
bit 8
U-0
R/W-1
R/W-1
R/W-1
U-0
R/W-1
R/W-1
R/W-1
—
PEN3H(1)
PEN2H(1)
PEN1H(1)
—
PEN3L(1)
PEN2L(1)
PEN1L(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-11
Unimplemented: Read as ‘0’
bit 10-8
PMOD3:PMOD1: PWM I/O Pair Mode bits
1 = PWM I/O pin pair is in the Independent PWM Output mode
0 = PWM I/O pin pair is in the Complementary Output mode
bit 7
Unimplemented: Read as ‘0’
bit 6-4
PEN3H:PEN1H: PWMxH I/O Enable bits(1)
1 = PWMxH pin is enabled for PWM output
0 = PWMxH pin disabled, I/O pin becomes general purpose I/O
bit 3
Unimplemented: Read as ‘0’
bit 2-0
PEN3L:PEN1L: PWMxL I/O Enable bits(1)
1 = PWMxL pin is enabled for PWM output
0 = PWMxL pin disabled, I/O pin becomes general purpose I/O
Note 1: Reset condition of the PENxH and PENxL bits depends on the value of the PWMPIN Configuration bit in
the FPOR Configuration register.
2: PWM2 supports only 1 PWM I/O pin pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com