Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7325L Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # PFS7325L
Description  High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7325L Datasheet(HTML) 3 Page - Power Integrations, Inc.

  PFS7325L Datasheet HTML 1Page - Power Integrations, Inc. PFS7325L Datasheet HTML 2Page - Power Integrations, Inc. PFS7325L Datasheet HTML 3Page - Power Integrations, Inc. PFS7325L Datasheet HTML 4Page - Power Integrations, Inc. PFS7325L Datasheet HTML 5Page - Power Integrations, Inc. PFS7325L Datasheet HTML 6Page - Power Integrations, Inc. PFS7325L Datasheet HTML 7Page - Power Integrations, Inc. PFS7325L Datasheet HTML 8Page - Power Integrations, Inc. PFS7325L Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Rev. B 06/13
3
PFS7323-7329
www.powerint.com
Pin Functional Description
VOLTAGE MONITOR (V) Pin:
The VOLTAGE MONITOR pin is tied to the rectified high-voltage
DC rail through a large resistor (4 M
W ±1%) to minimize power
dissipation and standby power consumption. Modifying this
resistor value affects peak power limit, brown-in/out thresholds
and will degrade input current quality (reduce power factor and
increase THD). A small ceramic capacitor (22 nF) is required
from the VOLTAGE MONITOR pin to SIGNAL GROUND pin to
bypass any switching noise present on the rectified DC bus.
This pin also features brown-in/out detection thresholds.
REFERENCE (R) Pin:
This pin is connected to an external precision resistor and is used for
an internal current reference source in the controller. The external
resistor is tied between the REFERENCE and SIGNAL GROUND
pins. The REFERENCE pin only has two valid resistor values to
select ‘Full’ (24.9 k
W ±1%) and ‘Efficiency’ (49.9 kW ±1%) power
modes. A precision resistor with the values specified above must
be selected since this sets the internal current reference for the
controller. Other values beyond what is specified may adversely
effect the operation of the device. A bypass capacitor is also
recommended across the REFERENCE pin resistor to the SIGNAL
GROUND pin. For ‘Full’ power mode (24.9 k
W) a capacitor
value of 470 pf and 1 nF for the ‘Efficiency’ mode with 49.9 k
W.
SIGNAL GROUND (G) Pin:
Discrete components used in the feedback circuit, including
loop compensation, decoupling capacitors for the supply (VCC)
and line-sense (V) must be referenced to the SIGNAL GROUND
pin. The SIGNAL GROUND pin is also connected to the tab of
the device.
The SIGNAL GROUND pin must not be tied to
the SOURCE pin.
COMPENSATION (C) Pin:
This pin is used for loop compensation and voltage feedback.
The COMPENSATION pin is a high input-impedance reference
terminal that connects to the main voltage regulation feedback
resistor divider network. This pin also connects to the loop
compensation components comprising of a series RC network.
A 22 nF capacitor is also required between the COMPENSATION
and SIGNAL GROUND pins; this capacitor must be placed very
close to the device on the PCB to bypass any switching noise.
FEEDBACK (FB) Pin:
This pin is connected to the main voltage regulation feedback
resistor divider network and is used for fast over and under-
voltage protection. This pin also detects the presence of the
main voltage divider network at start-up.
POWER GOOD THRESHOLD (PGT) Pin:
This pin is used to program the output voltage threshold where
the PG signal becomes ‘high-impedance’ representing the PFC
stage falling out of regulation. The low threshold for the PG
signal is programmed with a resistor between the POWER
GOOD THRESHOLD and SIGNAL GROUND pins.
POWER GOOD (PG) Pin:
This pin is an open-drain connection that indicates that the
output voltage is in regulation. At start-up, once the FEEDBACK
pin voltage has risen to ~95% of the set output voltage, the
POWER GOOD pin is pulled low. After start-up the output
voltage threshold at which the PG signal becomes high-
impedance depends on the threshold programmed by the
POWER GOOD THRESHOLD pin resistor.
BIAS POWER (VCC) Pin:
This is a 10.2-13 VDC bias supply used to power the IC. The
bias voltage must be externally clamped to prevent the BIAS
POWER pin from exceeding 15 VDC.
SOURCE (S) Pin:
This pin is the source connection of the power switch.
DRAIN (D) Pin:
This is the drain connection of the internal power switch.
BOOST DIODE CATHODE (K) Pin: (eSIP-16 package only)
This is the cathode connection of the internal Qspeed Diode.
PI-6789-022213
H Package (eSIP-16D)
(Front View)
H Package
(eSIP-16D)
(Back View)
L Package (eSIP-16G)
(Front View)
16
16
13
13
14
14
11
11
9
9
10
10
8
8
1
1
3
3
4
4
5
5
6
6
7
7
Exposed Pad (Backside)
Internally Connected to
GROUND (G) Pin
Exposed Metal (Both H and L
Packages) (On Package Edge)
Internally Connected to G Pin
1
3
4
5
6
7
8
9
10
11
13
14
16
Pin 1 I.D.
Pin 1 I.D.
G
G
Exposed Pad
(Backside)
Not Shown
Figure 2.
Pin Configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com