Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7325L Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # PFS7325L
Description  High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7325L Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button PFS7325L Datasheet HTML 2Page - Power Integrations, Inc. PFS7325L Datasheet HTML 3Page - Power Integrations, Inc. PFS7325L Datasheet HTML 4Page - Power Integrations, Inc. PFS7325L Datasheet HTML 5Page - Power Integrations, Inc. PFS7325L Datasheet HTML 6Page - Power Integrations, Inc. PFS7325L Datasheet HTML 7Page - Power Integrations, Inc. PFS7325L Datasheet HTML 8Page - Power Integrations, Inc. PFS7325L Datasheet HTML 9Page - Power Integrations, Inc. PFS7325L Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Rev. B 06/13
6
PFS7323-7329
www.powerint.com
Figure 8.
Start-Up Sequence.
The minimum rated peak power shown in Table 1 is not derated
below the brown-in threshold when the device is operated in
the ‘Efficiency’ mode.
Soft-Start with Pin-to-Pin Short-Circuit Protection
The FEEDBACK pin which is connected to a resistor voltage
divider provides a means to overcome the inherently slow
feedback loop response. The controller has an integrated
non-linear amplifier function to limit the maximum overshoot
and undershoot during load transient events.
To reduce switch and output diode current stress at start-up,
the HiperPFS slews the internal error-voltage from zero to its
steady-state value at start-up. Figure 7 illustrates the relative
relationship between the application of V
CC and power limit
soft-start function through the internal error-voltage. The
error-voltage has a controlled slew rate of 0.25 V/ms at start-up,
corresponding to the t
SOFT time duration for a full scale error
voltage of 5 V.
The beginning of soft-start is gated by the V
CC+, REFERENCE,
CONTROL and FEEDBACK pin voltage thresholds in the
sequence described below. Once the applied VCC is above the
VCC+ threshold, conditions for REFERENCE, COMPENSATION
Soft-Start
Check
Sequence
Is
VCC > VCC+?
Apply 0.5
µA on
on FB Pin to
Check Open
FB Pin
NO
YES
Apply PGT
Current Source
YES
YES
NO
YES
Is PG ‘OFF’
(PG High
Impedance)?
Feedback
short to C Pin
Start
Converter
Increase
FB Pin Current
to 20
µA
Is the NLA
Charging or
Discharging?
Is
IR Within
Bounds for
Efficiency or
Full Mode?
YES
YES
NO
NO
PI-6698-013013
YES
NO
NO
NO
NO
Source ~3 mA
to C Pin
Is VC > 3 V?
NO
Is OTP OK?
YES
YES
YES
NO
Is
VFB > FBOFF
VFB < FBOV?
YES
NO
Is VC > COFF?
YES
NO
Is the NLA
Charging or
Discharging?
Is
IV > IUV+?
YES
YES
YES
Is
VV < 1 V?
YES
Is
VFB > FBOFF
VFB < FBON
VC > COFF
OTP OK?
YES
NO
Is
IR Within
Bounds for
Efficiency or
Full Mode?
YES
Decrease
FB Pin Current
to 0.5
µA
Apply
6 mA V Pin
Current Sink
YES
Set Internal
Power Limit
Remove
6 mA V Pin
Current Sink
Slow Power
Limit Over
Soft-Start
Duration
NO
Is
IV > IUV+
YES
YES
YES
Detect Input
Voltage Peak
PI-5336-110810
tSTART-DELAY
tSOFT
VCC+
t
~5 V
Figure 7.
Power Limit Soft-Start Function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com