Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7325L Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # PFS7325L
Description  High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7325L Datasheet(HTML) 2 Page - Power Integrations, Inc.

  PFS7325L Datasheet HTML 1Page - Power Integrations, Inc. PFS7325L Datasheet HTML 2Page - Power Integrations, Inc. PFS7325L Datasheet HTML 3Page - Power Integrations, Inc. PFS7325L Datasheet HTML 4Page - Power Integrations, Inc. PFS7325L Datasheet HTML 5Page - Power Integrations, Inc. PFS7325L Datasheet HTML 6Page - Power Integrations, Inc. PFS7325L Datasheet HTML 7Page - Power Integrations, Inc. PFS7325L Datasheet HTML 8Page - Power Integrations, Inc. PFS7325L Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Rev. B 06/13
2
PFS7323-7329
www.powerint.com
Description
The HiperPFS-2 device family members reach a very high level
of integration including a continuous conduction mode (CCM)
boost PFC controller, gate driver, ultra-low reverse recovery
(Qspeed) diode (eeSIP™ package options) and high-voltage
power MOSFET in a single, low-profile CoolPAD (GROUND pin
connected) power package that is able to provide near unity
input power factor. The HiperPFS-2 devices eliminate the PFC
converter’s need for external current sense resistors, the power
loss associated with those components, and leverages an
innovative control technique that adjusts the switching frequency
over output load, input line voltage, and even input line cycle.
This control technique is designed to maximize efficiency over
the entire load range of the converter, particularly at light loads.
Additionally, this control technique significantly minimizes the EMI
filtering requirements due to its wide bandwidth spread spectrum
effect. The HiperPFS-2 also features an integrated non-linear
amplifier for enhanced load transient response, a user
programmable power good (PG) signal as well as user selectable
power limit functionality. HiperPFS-2 includes Power Integrations’
standard set of comprehensive protection features, such as
integrated soft-start, UV, OV, brown-in/out, and hysteretic
thermal shutdown. HiperPFS-2 also provides cycle-by-cycle
current limit for the power MOSFET, power limiting of the output
for overload protection, and pin-to-pin short-circuit protection.
HiperPFS-2’s innovative variable frequency continuous
conduction mode of operation (VF-CCM) minimizes switching
losses by maintaining a low average switching frequency, while
also varying the switching frequency in order to suppress EMI,
the traditional challenge with continuous conduction mode
solutions. Systems using HiperPFS-2 typically reduce the total X
and Y capacitance requirements of the converter, the inductance
of both the boost choke and EMI noise suppression chokes,
reducing overall system size and cost. Additionally, compared
with designs that use discrete MOSFETs and controllers,
HiperPFS-2 devices dramatically reduce component count and
board footprint while simplifying system design and enhancing
reliability. The innovative variable frequency, continuous
conduction mode controller enables the HiperPFS-2 to realize all
of the benefits of continuous conduction mode operation while
leveraging low-cost, small, simple EMI filters.
Many regions mandate high power factor for many electronic
products with high power requirements. These rules are
combined with numerous application-specific standards that
require high power supply efficiency across the entire load range,
from full load to as low as 10% load. High efficiency at light load
is a challenge for traditional PFC approaches in which fixed
MOSFET switching frequencies cause fixed switching losses on
each cycle, even at light loads. Besides featuring relatively flat
efficiency across the load range, HiperPFS-2 also enables higher
power factor at light loads. HiperPFS-2 simplifies compliance
with new and emerging energy-efficiency standards over a broad
market space in applications such as PCs, LCD TVs, notebooks,
appliances, pumps, motors, fans, printers, and LED lighting.
HiperPFS-2 advanced power packaging technology and high
efficiency simplifies the complexity of mounting the package and
thermal management, while providing very high power capabilities
in a single compact package; these devices are suitable for PFC
applications from 75 W to 425 W.
Product Highlights
Protected Power Factor Correction Solution
•
Incorporates high-voltage power MOSFET, ultra-low reverse
recovery loss Qspeed diode, controller, and gate driver
•
EN61000-3-2 Class D and Class C compliance
•
Integrated protection features reduce external component count
•
Accurate built-in brown-in/out protection
•
Accurate built-in undervoltage (UV) protection
•
Accurate built-in overvoltage (OV) protection
•
Hysteretic thermal shutdown (OTP)
•
Internal power limiting function for overload protection
•
Cycle-by-cycle power switch current limit
•
Internal non-linear amplifier for enhanced load transient
response
•
No external current sense required
•
Provides ‘lossless’ internal sensing via sense-FET
•
Reduces component count and system losses
•
Minimizes high current gate drive loop area
•
Minimizes output overshoot and stresses during start-up
•
Integrated power limit and frequency soft-start
•
Improved dynamic response
•
Input line feed-forward gain adjustment for constant loop
gain across entire input voltage range
•
Eliminates up to 40 discrete components for higher reliability
and lower cost
Intelligent Solution for High Efficiency and Low EMI
•
Continuous conduction mode PFC uses novel constant volt/
amp-second control engine
•
High efficiency across load
•
High power factor across load
•
Low cost EMI filter
•
Frequency sliding technique for light load efficiency improvements
•
>95% efficiency from 10% load to full load at nominal input
voltages
•
Variable switching frequency to simplify EMI filter design
•
Varies over line input voltage to maximize efficiency and
minimize EMI filter requirements
•
Varies with input line cycle voltage by >60 kHz to maximize
spread spectrum effect
Advanced Package for High Power Applications
•
Up to 425 W peak output power capability in a highly
compact package
•
Simple adhesive or clip mounting to heat sink
•
No insulation pad required and can be directly connected to
heat sink
•
Staggered pin arrangement for simple routing of board traces
and high-voltage creepage requirements
•
Single package solution for PFC converter reduces assembly
costs and layout size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com