Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7325L Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # PFS7325L
Description  High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7325L Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button PFS7325L Datasheet HTML 4Page - Power Integrations, Inc. PFS7325L Datasheet HTML 5Page - Power Integrations, Inc. PFS7325L Datasheet HTML 6Page - Power Integrations, Inc. PFS7325L Datasheet HTML 7Page - Power Integrations, Inc. PFS7325L Datasheet HTML 8Page - Power Integrations, Inc. PFS7325L Datasheet HTML 9Page - Power Integrations, Inc. PFS7325L Datasheet HTML 10Page - Power Integrations, Inc. PFS7325L Datasheet HTML 11Page - Power Integrations, Inc. PFS7325L Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Rev. B 06/13
8
PFS7323-7329
www.powerint.com
which is essential to meet many efficiency directives. The
degree of frequency slide is also controlled as a function of
peak input line voltage, at high input line the maximum off-time
voltage reference at zero error-voltage will be approximately 1/4
of the maximum value at low input line conditions.
The lower V
OFF slope reduces the average frequency swing for
high input line operation.
Burst-Mode for No-Load Power Consumption Reduction
Unlike the original HiperPFS which had the ability to reduce the
minimum on-time to zero, the minimum on-time in HiperPFS-2
has a minimum value of 500 ns to enable burst-mode operation
at no-load.
Since the minimum on-time is 500 ns, at no-load the output
voltage will climb until the device shuts off due to the voltage on
the COMPENSATION pin reaching the C
OV threshold. The
output voltage ripple at no-load to light load will be increased as
a result of the burst-mode operation.
A higher minimum on-time and inclusion of the C
OV comparator
are the main elements in the design to enable this burst-mode
operation at no-load. The burst-mode was added to reduce the
power stage no-load consumption to below 0.5 W when the
boost converter is designed with a ferrite boost choke.
Power Good Signal (PG)
The HiperPFS-2 features a ‘power good’ (PG) circuit which
comprises of an internal comparator that at start-up turns ‘on’ a
switch when the sensed output voltage on the FEEDBACK pin
rises to ~95% (V
PG(H) threshold) of the set output voltage threshold.
During start-up prior to the output voltage reaching V
PG(H) the PG
signal is in a high-impedance state (internal switch is in ‘off’ state).
When the AC input voltage is removed or other fault occurs
after start-up, the power good signal transitions from ‘on’ to ‘off’
state once the sensed output voltage on the FEEDBACK pin
falls to a user selected threshold programmed with a resistor on
the POWER GOOD THRESHOLD pin. The POWER GOOD
THRESHOLD pin has a fixed source current of I
PGT and this
combined with the power good threshold resistor sets the
Figure 11. Power Good Function Description.
threshold when the power good signal transitions from the ‘on’
state to the high-impedance high-state as the PFC output
voltage falls out of regulation.
The POWER GOOD THRESHOLD pin has an internal 100
ms
de-glitch filter (t
PG) to prevent noise events from falsely setting
the V
PG(L) threshold.
In the event a load fault prevents the boost from achieving
regulation (~95% of the set output voltage threshold) the PG
function will remain in the high-impedance state and will not
annunciate when a output voltage has fallen below the user
programmed V
PG(L) threshold.
The V
PG(L) user programmed threshold is enabled once VPG(H)
threshold has been reached.
If the PGT programming resistor is left open, the power good
function is disabled and remains in the high-impedance (‘off’)
state, whereas if the POWER GOOD THRESHOLD pin is
shorted to the GROUND pin the power good signal will remain
in the low (‘on’) state until the PFC output voltage has fallen to
the C
UV threshold.
Similar to the condition described above, if the value of the PGT
resistor is such that the V
PG(L) threshold is greater than the VPG(H)
threshold the PG signal will remain in the high-impedance off-
state.
Power good function is not valid under the following conditions:
A. VCC is not in a valid range. Below V
CC-, the power good
function is not valid.
B. REFERENCE pin resistor is in an invalid range. If the
REFERENCE pin resistor is not either 24. 9 k
W for ‘Full’ or
49.9 k
W for ‘Efficiency’ mode, the power good signal is not
valid. Power good will go to high-impedance state (internal
MOSFET is ‘off’) at the end of the fast soft-shutdown initiated
by the REFERENCE pin resistor fault.
C. The valid programming range of PGT is between 275 V to
360 V. Programming an output voltage below 275 VDC to
trigger PG is invalid.
Output Voltage
Rising
Output Voltage
Falling
tPG
tPG
PG = High Impedance
PG = High Impedance
PG = On-State
Set internally
by VPG(H)
95% VOUT (361 V)
100% VOUT (380 V)
87.5% VOUT (333 V)
Set externally
by RPG
.
.
R
I
V
A
V
k
0875
50
525
105
PG
PG
REF
#
n
X
==
=
PI-6700-040512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com