Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7325L Datasheet (PDF) - Power Integrations, Inc.

PFS7325L Datasheet PDF - Power Integrations, Inc.
Part # PFS7325L
Download  PFS7325L Download
File Size   4360.07 Kbytes
Page   30 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode

PFS7325L Datasheet (PDF)

Go To PDF Page Download Datasheet
PFS7325L Datasheet PDF - Power Integrations, Inc.

Part # PFS7325L
Download  PFS7325L Click to download

File Size   4360.07 Kbytes
Page   30 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode

PFS7325L Datasheet (HTML) - Power Integrations, Inc.


PFS7325L Product details

Description
The HiperPFS-2 device family members reach a very high level of integration including a continuous conduction mode (CCM) boost PFC controller, gate driver, ultra-low reverse recovery (Qspeed) diode (eeSIP™ package options) and high-voltage power MOSFET in a single, low-profile CoolPAD (GROUND pin connected) power package that is able to provide near unity input power factor. The HiperPFS-2 devices eliminate the PFC converter’s need for external current sense resistors, the power loss associated with those components, and leverages an innovative control technique that adjusts the switching frequency over output load, input line voltage, and even input line cycle.

Key Benefits
• Highly integrated for smallest boost PFC form factor
   • Integrated controller and MOSFET in all package options
   • Ultra-low reverse recovery loss diode (Qspeed) included in
      extended eSIP™ package option
   • Lossless internal current sense reduces component count
      and system losses
   • EN61000-3-2 Class C and D compliant
• Packaging optimized for high volume production
   • Exposed pad connected to GROUND pin (CoolPAD)
   • Eliminates insulating pad/heat-spreader
• Enhanced features
   • Programmable power good (PG) signal
   • User selectable power limit: Enables device swapping in a
      given design to optimize efficiency/cost
   • Integrated non-linear amplifier for fast output OV and UV
      protection
• High efficiency and power factor across load range
   • >95% efficiency from 10% load to full load
   • <200 mW no-load consumption at 230 VAC in remote off-state
   • Light load PF >0.9 at 20% load on optimized designs >200 W
   • PF >0.95 at 50% load
   • Enables 80+ Platinum designs
• Frequency adjusted over line voltage and each line cycle
   • Spread-spectrum across >60 kHz window simplifies EMI
      filtering requirements
   • Lower boost inductance
• Provides up to 425 W peak output power
   • >425 W peak power in power limit voltage regulation mode
• Protection features include: UV, OV, OTP, brown-in/out,
   cycle-by-cycle current limit and power limiting for overload
   protection
• Halogen free and RoHS compliant

Applications
• PC 
• High-power adaptors
• Printer 
• High-power LED lighting
• LCD TV 
• Industrial and appliance
• Video game consoles 
• Generic PFC converters




Similar Part No. - PFS7325L

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
PFS7325L POWERINT-PFS7325L Datasheet
3Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed™ Diode
June 2015
PFS7325L/H POWERINT-PFS7325L/H Datasheet
3Mb / 30P
High Power PFC Controller with Integrated
June 2015
PFS7325LH POWERINT-PFS7325LH Datasheet
3Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed™ Diode
June 2015
More results


Similar Description - PFS7325L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1603 ONSEMI-NCP1603 Datasheet
270Kb / 30P
PFC/PWM Combo Controller with Integrated High Voltage Startup and Standby Capability
April, 2006 ??Rev. 8
logo
Power Integrations, Inc...
LCS700 POWERINT-LCS700 Datasheet
3Mb / 26P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
PFS704 POWERINT-PFS704 Datasheet
3Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET
logo
ON Semiconductor
NCP1600 ONSEMI-NCP1600 Datasheet
396Kb / 23P
High Voltage PFC Controller
July, 2006 ??Rev. 2
logo
Power Integrations, Inc...
LCS700HG POWERINT-LCS700HG_V01 Datasheet
2Mb / 30P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
May 2017
PFS704 POWERINT-PFS704_V01 Datasheet
2Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET
June 2015
PFS7323 POWERINT-PFS7323_V01 Datasheet
3Mb / 30P
High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed™ Diode
June 2015
PFS7523 POWERINT-PFS7523 Datasheet
3Mb / 36P
PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode Optimized for High PF and Efficiency Across Load Range
June 2015
PFS7623C POWERINT-PFS7623C Datasheet
4Mb / 38P
PFC Controller with Integrated 600 V MOSFET and Diode Option Optimized for High PF and Efficiency Across Load Range
August 2020
logo
STMicroelectronics
L4985 STMICROELECTRONICS-L4985 Datasheet
1Mb / 27P
CCM PFC controller with high voltage startupv
28-Dec-2021
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com