Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7325L Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # PFS7325L
Description  High Power PFC Controller with Integrated High-Voltage MOSFET and Qspeed Diode
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7325L Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button PFS7325L Datasheet HTML 3Page - Power Integrations, Inc. PFS7325L Datasheet HTML 4Page - Power Integrations, Inc. PFS7325L Datasheet HTML 5Page - Power Integrations, Inc. PFS7325L Datasheet HTML 6Page - Power Integrations, Inc. PFS7325L Datasheet HTML 7Page - Power Integrations, Inc. PFS7325L Datasheet HTML 8Page - Power Integrations, Inc. PFS7325L Datasheet HTML 9Page - Power Integrations, Inc. PFS7325L Datasheet HTML 10Page - Power Integrations, Inc. PFS7325L Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Rev. B 06/13
7
PFS7323-7329
www.powerint.com
Figure 9.
(a) Frequency Variation Over Line Half-Cycle as a Function of Input Voltage (b) Frequency Variation Over Line Half-Cycle as a Function of Load.
0
45
90
135
180
120
230 VAC
180 VAC
135 VAC
115 VAC
Peak Load
90 VAC
110
100
90
80
70
60
50
40
30
20
10
Line Conduction Angle (°)
0
45
90
135
180
120
110
100
90
80
70
60
50
40
30
20
10
Line Conduction Angle (°)
100% Peak Load
75% Peak Load
VIN = 115 VAC
25% Peak Load
50% Peak Load
Expected Frequency
Range at Peak
Rated Load
Figure 10. V
OFF vs. VE and VOFF vs. Input Voltage.
and FEEDBACK pins are satisfied and the sensed VOLTAGE
MONITOR pin current is above I
UV+ ,the IC applies a ~6 mA
current sink through the VOLTAGE MONITOR pin and checks
that the status of the REFERENCE pin voltage is still in a valid
range. This checks to ensure that the FEEDBACK and
REFERENCE pins are not shorted together. In the event that
these pin voltage are shorted or the REFERENCE pin current is
no longer in the valid range, VOLTAGE MONITOR pin holds the
6 mA current sink indefinitely until the REFERENCE pin is in the
valid range. Figure 8 illustrates this sequence.
Timing Supervisor and Operating Frequency Range
Since the controller is expected to operate with a variable
switching frequency over the line frequency half-cycle, typically
spanning a range of 24 – 110 kHz, the controller also features a
timing supervisor function which monitors and limits the
maximum switch on-time and off-time as well as ensures a
minimum cycle off-time.
~5 V
VIN < ~140 VAC
VIN > ~170 VAC
~5 V
(Full Power)
~140 VAC
~170 VAC
~5 V
~1.25 V
~1.25 V
~0.8 V
VE
VIN
PI-6864-050313
Figure 9a shows the typical half-line frequency profile of the
device switching frequency as a function of input voltage at
peak load conditions. Figure 9b shows for a given line
condition the effect of EcoSmart™ to the switching frequency
as a function of load. The switching frequency is not a function
of boost choke inductance in CCM (continuous conduction
mode) operation.
EcoSmart
The HiperPFS-2 includes an EcoSmart mode wherein the
internal error signal (V
E) is used to detect the converter output
power. Since the internal error-signal is proportional to the
output power, this signal level is used to set the average
switching frequency as a function of output power. The off-time
integrator control reference (V
OFF) is controlled with respect to
the internal error-voltage level (output power) to allow the
converter to maintain output voltage regulation and relatively flat
conversion efficiency between 20% to 100% of rated load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com