Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566BH Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6566BH
Description  Multimode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566BH Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6566BH Datasheet HTML 5Page - STMicroelectronics L6566BH Datasheet HTML 6Page - STMicroelectronics L6566BH Datasheet HTML 7Page - STMicroelectronics L6566BH Datasheet HTML 8Page - STMicroelectronics L6566BH Datasheet HTML 9Page - STMicroelectronics L6566BH Datasheet HTML 10Page - STMicroelectronics L6566BH Datasheet HTML 11Page - STMicroelectronics L6566BH Datasheet HTML 12Page - STMicroelectronics L6566BH Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
L6566BH
Pin settings
Doc ID 16610 Rev 2
9/51
5Vcc
Supply voltage of both the signal part of the IC and the gate driver. The internal
high voltage generator charges an electrolytic capacitor connected between this
pin and GND (pin 3) as long as the voltage on the pin is below the turn-on threshold
of the IC, after that it is disabled and the chip is turned on. The IC is disabled as the
voltage on the pin falls below the UVLO threshold. This threshold is reduced at light
load to counteract the natural reduction of the self-supply voltage. Sometimes a
small bypass capacitor (0.1 µF typ.) to GND might be useful to obtain a clean bias
voltage for the signal part of the IC.
6FMOD
Frequency modulation input. When FF mode operation is selected, a capacitor
connected from this pin to GND (pin 3) is alternately charged and discharged by
internal current sources. As a result, the voltage on the pin is a symmetrical
triangular waveform with the frequency related to the capacitance value. By
connecting a resistor from this pin to pin 13 (OSC) it is possible to modulate the
current sourced by the OSC pin and then the oscillator frequency. This modulation
is to reduce the peak value of EMI emissions by means of a spread-spectrum
action. If the function is not used, the pin is left open.
7CS
Input to the PWM comparator. The current flowing in the MOSFET is sensed
through a resistor, the resulting voltage is applied to this pin and compared with an
internal reference to determine MOSFET turn-off. The pin is equipped with 150 ns
min. blanking time after the gate-drive output goes high for improved noise
immunity. A second comparison level located at 1.5 V latches the device OFF and
reduces its consumption in the case of transformer saturation or secondary diode
short-circuit. The information is latched until the voltage on the Vcc pin (5) goes
below the UVLO threshold, therefore resulting in intermittent operation. A logic
circuit improves sensitivity to temporary disturbances.
8DIS
IC latched disable input. Internally, the pin connects a comparator that, when the
voltage on the pin exceeds 4.5 V, latches OFF the IC and brings its consumption to
a lower value. The latch is cleared as the voltage on the Vcc pin (5) goes below the
UVLO threshold, but the HV generator keeps the Vcc voltage high (see pin 1
description). It is then necessary to recycle the input power to restart the IC. For a
quick restart, pull pin 16 (AC_OK) below the disable threshold (see pin 16
description). Bypass the pin with a capacitor to GND (pin 3) to reduce noise pick-
up. Ground the pin if the function is not used.
9COMP
Control input for loop regulation. The pin is driven by the phototransistor (emitter-
grounded) of an optocoupler to modulate its voltage by modulating the current
sunk. A capacitor placed between the pin and GND (3), as close to the IC as
possible to reduce noise pick-up, sets a pole in the output-to-control transfer
function. The dynamics of the pin are in the 2.5 to 5 V range. A voltage below an
internally defined threshold activates burst-mode operation. The voltage at the pin
is bottom-clamped at about 2 V. If the clamp is externally overridden and the
voltage is pulled below 1.4 V, the IC shuts down.
10
VREF
An internal generator furnishes an accurate voltage reference (5 V ± 2%) that can
be used to supply few mA to an external circuit. A small film capacitor (0.1 µF typ.),
connected between this pin and GND (3), is recommended to ensure the stability of
the generator and to prevent noise from affecting the reference. This reference is
internally monitored by a separate auxiliary reference and any failure or drift causes
the IC to latch OFF.
Table 1.
Pin functions (continued)
N°
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com