Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566BH Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6566BH
Description  Multimode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566BH Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6566BH Datasheet HTML 17Page - STMicroelectronics L6566BH Datasheet HTML 18Page - STMicroelectronics L6566BH Datasheet HTML 19Page - STMicroelectronics L6566BH Datasheet HTML 20Page - STMicroelectronics L6566BH Datasheet HTML 21Page - STMicroelectronics L6566BH Datasheet HTML 22Page - STMicroelectronics L6566BH Datasheet HTML 23Page - STMicroelectronics L6566BH Datasheet HTML 24Page - STMicroelectronics L6566BH Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
L6566BH
Application information
Doc ID 16610 Rev 2
21/51
If the MOSFET is enabled to turn on but the amplitude of the signal on the ZCD pin is
smaller than the arming threshold for some reason (e.g. a heavy damping of drain
oscillations, like in some single-stage PFC topologies, or when a turn-off snubber is used),
MOSFET turn-on cannot be triggered. This is identical to what happens at startup: at the
end of the next oscillator cycle the MOSFET is turned on, and a new switching cycle takes
place after skipping no more than one oscillator cycle.
The operation described so far does not consider the blanking time TBLANK after MOSFET
turn-off, and actually TBLANK does not come into play as long as the following condition is
met:
Equation 3
where D is the MOSFET duty cycle. If this condition is not met, there are no substantial
changes: the time during which MOSFET turn-on is inhibited is extended beyond Tosc by a
fraction of TBLANK. As a consequence, the maximum switching frequency is a little lower
than the programmed value fosc and valley-skipping mode may take place slightly earlier
than expected. However this is quite unusual: setting fosc = 150 kHz, the phenomenon can
be observed at duty cycles higher than 60%. See
Section 5.11: OVP block for further
implications of TBLANK.
If the voltage on the COMP pin (9) saturates high, which reveals an open control loop, an
internal pull-up keeps the ZCD pin close to 2 V during MOSFET OFF-time to prevent noise
from false triggering the detection block. When this pull-up is active, the ZCD pin may not be
able to go below the triggering threshold, which would stop the converter. To allow auto-
restart operation, however ensuring minimum operating frequency in these conditions, the
oscillator frequency that retriggers MOSFET turn-on is that of the external oscillator divided
by 128. Additionally, to prevent malfunction at converter startup, the pull-up is disabled
during the initial soft-start (see the relevant section). However, to ensure a correct startup, at
the end of the soft-start phase the output voltage of the converter must meet the condition:
Equation 4
where Ns is the turn number of the secondary winding, Naux the turn number of the
auxiliary winding and IZCD the maximum pull-up current (130 µA).
The operation described so far under different operating conditions for the converter is
illustrated in the timing diagrams of
Figure 10.
If the FF option is selected the operation is exactly equal to that of a standard current-mode
PWM controller. It works at a frequency fsw = fosc; both DCM and CCM transformer
operations are possible, depending on the operating conditions (input voltage and output
load) and on the design of the power stage. The MOSFET is turned on at the beginning of
each oscillator cycle and is turned off as the voltage on the current sense pin reaches an
internal reference set by the line feedforward block. The maximum duty cycle is limited to
70% minimum. The signal on the ZCD pin in this case is used only for detecting feedback
loop failures (see
Section 5.11: OVP block).
osc
BLANK
T
T
1
D
ZCD
1
Z I
R
Naux
Ns
Vout
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com