Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566BH Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6566BH
Description  Multimode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566BH Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6566BH Datasheet HTML 19Page - STMicroelectronics L6566BH Datasheet HTML 20Page - STMicroelectronics L6566BH Datasheet HTML 21Page - STMicroelectronics L6566BH Datasheet HTML 22Page - STMicroelectronics L6566BH Datasheet HTML 23Page - STMicroelectronics L6566BH Datasheet HTML 24Page - STMicroelectronics L6566BH Datasheet HTML 25Page - STMicroelectronics L6566BH Datasheet HTML 26Page - STMicroelectronics L6566BH Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
L6566BH
Application information
Doc ID 16610 Rev 2
23/51
Figure 11.
Load-dependent operating modes: timing diagrams
Figure 12.
Addition of an offset to the current sense lowers the burst-mode
operation threshold
5.4
Adaptive UVLO
A major problem when optimizing a converter for minimum no-load consumption is that the
voltage generated by the auxiliary winding under these conditions falls considerably as
compared even to a few mA load. This very often causes the supply voltage Vcc of the
control IC to drop and go below the UVLO threshold so that the operation becomes
intermittent, which is undesired. Furthermore, this must be traded off against the need to
generate a voltage not exceeding the maximum allowed by the control IC at full load.
To help the user overcome this problem, the device, besides reducing its own consumption
during burst-mode operation, also features a proprietary adaptive UVLO function. It consists
of shifting the UVLO threshold downwards at light load, namely when the voltage at the
COMP pin falls below a threshold VCOMPO internally fixed, so as to have more headroom. To
AM11487v1
GD
(pin 4)
VCOMPBM
t
t
t
COMP
(pin 9)
20 mV
hyster.
QR Mode
Valley-skipping Mode
Burst-mode
fsw
fosc
QR Mode
FF Mode
Burst-mode
FF Mode
MODE/SC=Open
MODE/SC=VREF
MODE/SC=Open
MODE/SC=VREF
AM11488v1
Rs
L6566BH
R
Vref
Rc
10
4
7
3
Vcso = Vref
R
R + Rc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com