Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566BH Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6566BH
Description  Multimode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566BH Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6566BH Datasheet HTML 28Page - STMicroelectronics L6566BH Datasheet HTML 29Page - STMicroelectronics L6566BH Datasheet HTML 30Page - STMicroelectronics L6566BH Datasheet HTML 31Page - STMicroelectronics L6566BH Datasheet HTML 32Page - STMicroelectronics L6566BH Datasheet HTML 33Page - STMicroelectronics L6566BH Datasheet HTML 34Page - STMicroelectronics L6566BH Datasheet HTML 35Page - STMicroelectronics L6566BH Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
Application information
L6566BH
32/51
Doc ID 16610 Rev 2
Figure 20.
Operation after latched disable activation: timing diagram
5.10
Soft-start and delayed latched shutdown upon overcurrent
At device startup, a capacitor (CSS) connected between the SS pin (14) and ground is
charged by an internal current generator, ISS1, from zero up to about 2 V where it is
clamped. During this ramp, the overcurrent setpoint progressively rises from zero to the
value imposed by the voltage on the VFF pin (15, see
Section 5.6: PWM comparator, PWM
latch and voltage feedforward blocks); MOSFET conduction time increases gradually,
therefore controlling the startup inrush current. The time needed for the overcurrent setpoint
to reach its steady-state value, referred to as soft-start time, is approximately:
Equation 12
During the ramp (i.e. until VSS = 2 V) all the functions that monitor the voltage on the COMP
pin are disabled.
The soft-start pin is also invoked whenever the control voltage (COMP) saturates high,
which reveals an open loop condition for the feedback system. This condition very often
occurs at startup, but may be also caused by either a control loop failure or a converter
overload/short-circuit. A control loop failure results in an output overvoltage that is handled
by the OVP function of the L6566BH (see next section). In the case of QR operation, a
short-circuit causes the converter to run at a very low frequency, then with very low power
capability. This makes the self-supply system that powers the device unable to keep it
operating, so that the converter works intermittently, which is very safe. In the case of
AM11496v1
Vcc
(pin 5)
GD
(pin 4)
Vin
VccON
VccON -0.5
t
t
t
t
4.5V
VccOFF
DIS
(pin 8)
Vccrestart
VHVstart
HV generator is turned on
HV generator turn-on is disabled here
Input source is removed here
t
AC_OK
(pin 16)
Vth
Disable latch is reset here
Restart is quicker
⎟⎟⎠
⎞
⎜⎜⎝
⎛ −
=
=
3
V
1
I
Css
)
V
(
V
I
Css
T
VFF
1
SS
VFF
csx
1
SS
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com