Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566BH Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6566BH
Description  Multimode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566BH Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6566BH Datasheet HTML 25Page - STMicroelectronics L6566BH Datasheet HTML 26Page - STMicroelectronics L6566BH Datasheet HTML 27Page - STMicroelectronics L6566BH Datasheet HTML 28Page - STMicroelectronics L6566BH Datasheet HTML 29Page - STMicroelectronics L6566BH Datasheet HTML 30Page - STMicroelectronics L6566BH Datasheet HTML 31Page - STMicroelectronics L6566BH Datasheet HTML 32Page - STMicroelectronics L6566BH Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
L6566BH
Application information
Doc ID 16610 Rev 2
29/51
Figure 18.
Hiccup-mode OCP: timing diagram
To distinguish an actual malfunction from a disturbance (e.g. induced during ESD tests), the
first time the comparator is tripped the protection circuit enters a “warning state”. If in the
next switching cycle the comparator is not tripped, a temporary disturbance is assumed and
the protection logic is reset in its idle state; if the comparator is again tripped, a real
malfunction is assumed and the L6566BH is stopped. Depending on the time relationship
between the detected event and the oscillator, the device may occasionally stop after the
third detection.
This condition is latched as long as the device is supplied. While it is disabled, however, no
energy comes from the self-supply circuit; hence the voltage on the VCC capacitor decays
and crosses the UVLO threshold after some time, which clears the latch. The internal
startup generator is still off, and the VCC voltage still needs to go below its restart voltage
before the VCC capacitor is charged again and the device restarted. Ultimately, this results in
a low-frequency intermittent operation (Hiccup-mode operation), with very low stress on the
power circuit. This special condition is illustrated in the timing diagram of
Figure 18.
5.8
Frequency modulation
To alleviate the converter’s EMI emissions and reduce cost and size of the line filter, it is
advantageous to modulate its switching frequency, so that the resulting spread-spectrum
action distributes the energy of each harmonic of the switching frequency over a number of
side-band harmonics. Their overall energy is unchanged but the individual amplitudes are
smaller. This is what naturally occurs with QR operation, due to the twice-mains-frequency
ripple appearing on the input bulk capacitor, which translates into different DCM-CCM
boundary frequencies.
The L6566BH is provided with a dedicated pin, FMOD (6), to perform this function if FF mode
is selected.
AM11494v1
Vcc
(pin 5)
GD
(pin 4)
OCP latch
VccON
VccOFF
Vccrestart
Secondary diode is shorted here
t
t
t
t
VCS
(pin 7)
Vcc_OK
t
1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com