Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566BH Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6566BH
Description  Multimode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566BH Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6566BH Datasheet HTML 21Page - STMicroelectronics L6566BH Datasheet HTML 22Page - STMicroelectronics L6566BH Datasheet HTML 23Page - STMicroelectronics L6566BH Datasheet HTML 24Page - STMicroelectronics L6566BH Datasheet HTML 25Page - STMicroelectronics L6566BH Datasheet HTML 26Page - STMicroelectronics L6566BH Datasheet HTML 27Page - STMicroelectronics L6566BH Datasheet HTML 28Page - STMicroelectronics L6566BH Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
L6566BH
Application information
Doc ID 16610 Rev 2
25/51
Ideally, the voltage generated by the self-supply winding and the output voltage should be
given by the relation between the Naux/Ns turn ratio only. Actually, numerous non-idealities,
mainly transformer parasites, cause the actual ratio to deviate from the ideal one. Line
regulation is quite good, in the range of ± 2%, whereas load regulation is about ± 5% and
output voltage tolerance is in the range of ± 10%.
The dynamics of the pin are in the 2.5 to 5 V range. The voltage at the pin is clamped
downwards at about 2 V. If the clamp is externally overridden and the voltage on the pin is
pulled below 1.4 V, the L6566BH shuts down. This condition is latched as long as the device
is supplied. While the device is disabled, however, no energy is coming from the self-supply
circuit, therefore the voltage on the Vcc capacitor decays and crosses the UVLO threshold
after some time, which clears the latch and lets the HV generator restart. This function is
intended for an externally controlled burst-mode operation at light load with a reduced
output voltage, a technique typically used in multi-output SMPS, such as those for TVs or
monitors (see the timing diagram
Figure 15).
Figure 15.
Externally controlled burst-mode operation by driving the COMP pin:
timing diagram
5.6
PWM comparator, PWM latch and voltage feedforward blocks
The PWM comparator senses the voltage across the current sense resistor Rs and, by
comparing it to the programming signal delivered by the feedforward block, determines the
exact time when the external MOSFET is to be switched off. Its output resets the PWM
latch, previously set by the oscillator or the ZCD triggering block, which asserts the gate
driver output low. The use of PWM latch avoids spurious switching of the MOSFET that may
result from the noise generated (“double-pulse suppression”).
AM11491v1
Vcc
(pin 5)
GD
(pin 4)
Vcc_OK
VccON
VccOFF
Vccrestart
Icharge
0.85 mA
Standby is commanded here
t
t
t
t
t
COMP
(pin 9)
t
Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com