Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9512UCPZ-EP-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9512UCPZ-EP-R7
Description  1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Five Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9512UCPZ-EP-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD9512UCPZ-EP-R7 Datasheet HTML 1Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 2Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 3Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 4Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 5Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 6Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 7Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 8Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Enhanced Product
AD9512-EP
Rev. 0 | Page 3 of 20
SPECIFICATIONS
Typical (Typ) is given for VS = 3.3 V ± 5%; TA = 25°C, RSET = 4.12 kΩ, unless otherwise noted. Minimum (Min) and Maximum (Max)
values are given over full VS and TA (−55°C to +85°C) variation.
CLOCK INPUTS
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLOCK INPUTS (CLK1, CLK2)1
Input Frequency
0
1.6
GHz
Input Sensitivity
1502
mV p-p
Jitter performance can be improved with higher slew
rates (greater swing).
Input Level
23
V p-p
Larger swings turn on the protection diodes and can
degrade jitter performance.
Input Common-Mode Voltage, VCM
1.45
1.6
1.7
V
Self-biased; enables ac coupling; at full temperature range
1.5
1.6
1.7
V
At −40°C to +85°C.
Input Common-Mode Range, VCMR
1.3
1.8
V
With 200 mV p-p signal applied; dc-coupled.
Input Sensitivity, Single-Ended
150
mV p-p
CLK2 ac-coupled; CLK2B ac bypassed to RF ground.
Input Resistance
4.0
4.8
5.6
kΩ
Self-biased.
Input Capacitance
2
pF
1
CLK1 and CLK2 are electrically identical; each can be used as either differential or single-ended input.
2
With a 50 Ω termination, this is −12.5 dBm.
3
With a 50 Ω termination, this is +10 dBm.
CLOCK OUTPUTS
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL CLOCK OUTPUTS
Termination = 50 Ω to VS − 2 V
OUT0, OUT1, OUT2; Differential
Output level 0x3D (0x3E) (0x3F)[3:2] = 10b
Output Frequency
1200
MHz
See Figure 10
Output High Voltage (VOH)
VS − 1.22
VS − 0.98
VS − 0.93
V
Output Low Voltage (VOL)
VS − 2.10
VS − 1.80
VS − 1.67
V
Output Differential Voltage (VOD)
660
810
965
mV
LVDS CLOCK OUTPUTS
Termination = 100 Ω differential; default
OUT3, OUT4; Differential
Output level 0x40 (0x41)[2:1] = 01b
3.5 mA termination current
Output Frequency
800
MHz
See Figure 11
Differential Output Voltage (VOD)
250
360
450
mV
Delta VOD
25
mV
Output Offset Voltage (VOS)
1.05
1.23
1.375
V
At full temperature range
1.125
1.23
1.375
V
At −40°C to +85°C
Delta VOS
25
mV
Short-Circuit Current (ISA, ISB)
14
24
mA
Output shorted to GND
CMOS CLOCK OUTPUTS
OUT3, OUT4
Single-ended measurements;
B outputs: inverted, termination open
Output Frequency
250
MHz
With 5 pF load each output; see Figure 12
Output Voltage High (VOH)
VS − 0.1
V
@ 1 mA load
Output Voltage Low (VOL)
0.1
V
@ 1 mA load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com