Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9512UCPZ-EP-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9512UCPZ-EP-R7
Description  1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Five Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9512UCPZ-EP-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9512UCPZ-EP-R7 Datasheet HTML 12Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 13Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 14Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 15Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 16Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 17Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 18Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 19Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD9512-EP
Enhanced Product
Rev. 0 | Page 16 of 20
Figure 7. LVPECL Differential Output @ 800 MHz
Figure 8. LVDS Differential Output @ 800 MHz
Figure 9. CMOS Single-Ended Output @ 250 MHz with 10 pF Load
Figure 10. LVPECL Differential Output Swing vs. Frequency
Figure 11. LVDS Differential Output Swing vs. Frequency
Figure 12. CMOS Single-Ended Output Swing vs. Frequency and Load
VERT 500mV/DIV
HORIZ 500ps/DIV
VERT 100mV/DIV
HORIZ 500ps/DIV
VERT 500mV/DIV
HORIZ 1ns/DIV
OUTPUT FREQUENCY (MHz)
100
1600
1100
600
1.2
1.3
1.4
1.5
1.6
1.7
1.8
OUTPUT FREQUENCY (MHz)
100
900
700
500
300
500
750
700
650
600
550
OUTPUT FREQUENCY (MHz)
0
600
500
400
300
200
100
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
2pF
10pF
20pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com