Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9512UCPZ-EP-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9512UCPZ-EP-R7
Description  1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Five Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9512UCPZ-EP-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9512UCPZ-EP-R7 Datasheet HTML 8Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 9Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 10Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 11Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 12Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 13Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 14Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 15Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD9512-EP
Enhanced Product
Rev. 0 | Page 12 of 20
ABSOLUTE MAXIMUM RATINGS
Table 10.
Parameter
With
Respect
to
Rating
VS
GND
−0.3 V to +3.6 V
DSYNC/DSYNCB
GND
−0.3 V to VS + 0.3 V
RSET
GND
−0.3 V to VS + 0.3 V
CLK1, CLK1B, CLK2, CLK2B
GND
−0.3 V to VS + 0.3 V
CLK1
CLK1B
−1.2 V to +1.2 V
CLK2
CLK2B
−1.2 V to +1.2 V
SCLK, SDIO, SDO, CSB
GND
−0.3 V to VS + 0.3 V
OUT0, OUT1, OUT2, OUT3,
OUT4
GND
−0.3 V to VS + 0.3 V
FUNCTION
GND
−0.3 V to VS + 0.3 V
SYNC STATUS
GND
−0.3 V to VS + 0.3 V
Junction Temperature
150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum ratings for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
Table 11. Thermal Resistance1
Package Type
θJA
Unit
48-Lead LFCSP
28.5
°C/W
1
Thermal impedance measurements were taken on a 4-layer board in still air,
in accordance with EIA/JESD51-7.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com