Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9512UCPZ-EP-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9512UCPZ-EP-R7
Description  1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Five Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9512UCPZ-EP-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD9512UCPZ-EP-R7 Datasheet HTML 1Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 2Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 3Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 4Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 5Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 6Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 7Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 8Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD9512-EP
Enhanced Product
Rev. 0 | Page 4 of 20
TIMING CHARACTERISTICS
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL
Termination = 50 Ω to VS − 2 V
Output level 0x3D (0x3E) (0x3F)[3:2] = 10b
Output Rise Time, tRP
130
180
ps
20% to 80%, measured differentially
Output Fall Time, tFP
130
180
ps
80% to 20%, measured differentially
PROPAGATION DELAY, tPECL, CLK-TO-LVPECL OUT1
Divide = Bypass
320
490
635
ps
At full temperature range
335
490
635
ps
At −40°C to +85°C
Divide = 2 to 32
360
545
695
ps
At full temperature range
375
545
695
ps
At −40°C to +85°C
Variation with Temperature
0.5
ps/°C
OUTPUT SKEW, LVPECL OUTPUTS
OUT1 to OUT0 on Same Part, tSKP2
70
100
140
ps
OUT1 to OUT2 on Same Part, tSKP2
15
45
80
ps
OUT0 to OUT2 on Same Part, tSKP2
45
65
90
Ps
All LVPECL OUT Across Multiple Parts, tSKP_AB3
275
ps
Same LVPECL OUT Across Multiple Parts, tSKP_AB3
130
ps
LVDS
Termination = 100 Ω differential
Output level 0x40 (0x41) [2:1] = 01b
3.5 mA termination current
Output Rise Time, tRL
200
350
ps
20% to 80%, measured differentially
Output Fall Time, tFL
210
350
ps
80% to 20%, measured differentially
PROPAGATION DELAY, tLVDS, CLK-TO-LVDS OUT1
OUT3 to OUT4
Divide = Bypass
0.97
1.33
1.59
ns
At full temperature range
0.99
1.33
1.59
ns
At −40°C to +85°C
Divide = 2 to 32
1.02
1.38
1.64
ns
At full temperature range
1.04
1.38
1.64
ns
At −40°C to +85°C
Variation with Temperature
0.9
ps/°C
OUTPUT SKEW, LVDS OUTPUTS
OUT3 to OUT4 on Same Part, tSKV2
−85
+270
ps
All LVDS OUTs Across Multiple Parts, tSKV_AB3
450
ps
Same LVDS OUT Across Multiple Parts, tSKV_AB3
325
ps
CMOS
B outputs are inverted; termination = open
Output Rise Time, tRC
681
865
ps
20% to 80%; CLOAD = 3 pF
Output Fall Time, tFC
646
992
ps
80% to 20%; CLOAD = 3 pF
PROPAGATION DELAY, tCMOS, CLK-TO-CMOS OUT1
Divide = Bypass
1.0
1.39
1.71
ns
At full temperature range
1.02
1.39
1.71
ns
At −40°C to +85°C
Divide = 2 to 32
1.05
1.44
1.76
ns
At full temperature range
1.07
1.44
1.76
ns
At −40°C to +85°C
Variation with Temperature
1
ps/°C
OUTPUT SKEW, CMOS OUTPUTS
OUT3 to OUT4 on Same Part, tSKC2
−140
+145
+300
ps
All CMOS OUT Across Multiple Parts, tSKC_AB3
650
ps
Same CMOS OUT Across Multiple Parts, tSKC_AB3
500
ps
LVPECL-TO-LVDS OUT
Everything the same; different logic type
Output Skew, tSKP_V
0.73
0.92
1.14
ns
LVPECL to LVDS on same part
LVPECL-TO-CMOS OUT
Everything the same; different logic type
Output Skew, tSKP_C
0.87
1.14
1.43
ns
LVPECL to CMOS on same part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com