Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9512UCPZ-EP-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9512UCPZ-EP-R7
Description  1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Five Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9512UCPZ-EP-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9512UCPZ-EP-R7 Datasheet HTML 9Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 10Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 11Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 12Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 13Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 14Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 15Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 16Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Enhanced Product
AD9512-EP
Rev. 0 | Page 13 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Pin Configuration
Table 12. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
DSYNC
Detect Sync. Used for multichip synchronization.
2
DSYNCB
Detect Sync Complement. Used for multichip synchronization.
3, 4, 6, 9, 18,
22, 23, 25, 28,
29, 32, 33, 36,
39, 40, 44, 47, 48
VS
Power Supply (3.3 V).
5
DNC
Do Not Connect. Do not connect to this pin.
7
CLK2
Clock Input.
8
CLK2B
Complementary Clock Input. Used in conjunction with CLK2.
10
CLK1
Clock Input.
11
CLK1B
Complementary Clock Input. Used in conjunction with CLK1.
12
FUNCTION
Multipurpose Input. Can be programmed as a reset (RESETB), sync (SYNCB), or power-down (PDB) pin.
13
SYNC STATUS
Output Used to Monitor the Status of Multichip Synchronization.
14
SCLK
Serial Data Clock.
15
SDIO
Serial Data I/O.
16
SDO
Serial Data Output.
17
CSB
Serial Port Chip Select.
19, 24, 37,
38, 43, 46
GND
Ground.
20
OUT2B
Complementary LVPECL Output.
21
OUT2
LVPECL Output.
26
OUT1B
Complementary LVPECL Output.
27
OUT1
LVPECL Output.
30
OUT4B
Complementary LVDS/Inverted CMOS Output.
NOTES
1. DNC = DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED PADDLE ON THIS PACKAGE IS AN ELECTRICAL
CONNECTION AS WELL AS A THERMAL ENHANCEMENT. FOR
THE DEVICE TO FUNCTION PROPERLY, THE PADDLE MUST BE
ATTACHED TO GROUND, GND.
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
DSYNC
DSYNCB
VS
VS
DNC
VS
CLK2
CLK2B
VS
CLK1
CLK1B
FUNCTION
VS
OUT3
OUT3B
VS
VS
OUT4
OUT4B
VS
VS
OUT1
OUT1B
VS
36
35
34
33
32
31
30
29
28
27
26
25
AD9512-EP
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com