Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9512UCPZ-EP-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9512UCPZ-EP-R7
Description  1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Five Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9512UCPZ-EP-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9512UCPZ-EP-R7 Datasheet HTML 10Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 11Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 12Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 13Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 14Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 15Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 16Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 17Page - Analog Devices AD9512UCPZ-EP-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD9512-EP
Enhanced Product
Rev. 0 | Page 14 of 20
Pin No.
Mnemonic
Description
31
OUT4
LVDS/CMOS Output.
34
OUT3B
Complementary LVDS/Inverted CMOS Output.
35
OUT3
LVDS/CMOS Output.
41
OUT0B
Complementary LVPECL Output.
42
OUT0
LVPECL Output.
45
RSET
Current Set Resistor to Ground. Nominal value = 4.12 kΩ.
EPAD
Exposed paddle. The exposed paddle on this package is an electrical connection as well as a thermal
enhancement. For the device to function properly, the paddle must be attached to ground, GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com