Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422T/MJ Datasheet(PDF) 14 Page - SMSC Corporation

Part # USB2422T/MJ
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2422T/MJ Datasheet(HTML) 14 Page - SMSC Corporation

Back Button USB2422T/MJ Datasheet HTML 10Page - SMSC Corporation USB2422T/MJ Datasheet HTML 11Page - SMSC Corporation USB2422T/MJ Datasheet HTML 12Page - SMSC Corporation USB2422T/MJ Datasheet HTML 13Page - SMSC Corporation USB2422T/MJ Datasheet HTML 14Page - SMSC Corporation USB2422T/MJ Datasheet HTML 15Page - SMSC Corporation USB2422T/MJ Datasheet HTML 16Page - SMSC Corporation USB2422T/MJ Datasheet HTML 17Page - SMSC Corporation USB2422T/MJ Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (06-04-13)
14
SMSC USB2422
DATASHEET
2.4
Buffer Type Descriptions
2.5
Strap Pin Configuration
If a pin's strap function is enabled through hub configuration selection (Table 4.1), the strap pins must
be pulled either high or low using the values provided in Table 2.4. Each strap option is dependent on
the pin’s buffer type, as outlined in the sections that follow.
2.5.1
Non-Removable
If a strap pin’s buffer type is I/O, an external pull-up or pull-down must be implemented as shown in
Figure 2.2. Use Strap High to set the strap option to 1 and Strap Low to set the strap option to 0. When
implementing the Strap Low option, no additional components are needed (i.e., the internal pull-down
provides the resistor)
Figure 2.2 Non-Removable Pin Strap Example
Table 2.3 Buffer Type Descriptions
BUFFER
DESCRIPTION
I/O
Input/Output
IPD
Input with internal weak pull-down resistor
IPU
Input with internal weak pull-up resistor
IS
Input with Schmitt trigger
I/O12
Input/Output buffer with 12 mA sink and 12 mA source
ICLKx
XTAL clock input
OCLKx
XTAL clock output
I-R
RBIAS
I/O-U
Analog Input/Output defined in USB specification
Table 2.4 Strap Option Summary
STRAP OPTION
RESISTOR VALUE
BUFFER TYPE
NOTES
Non-Removable
47 - 100 k
Ω
I/O
Internal Pull-Down
(IPD)
10 k
Ω
IPD
Only applicable to port power pins
Contains a built-in resistor
LED
47 - 100 k
Ω
I/O
HUB
I/O Strap Pin
Strap High
+V
HUB
I/O Strap Pin
Strap Low
GND
R k
Ω
R k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com