Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422T/MJ Datasheet(PDF) 33 Page - SMSC Corporation

Part # USB2422T/MJ
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2422T/MJ Datasheet(HTML) 33 Page - SMSC Corporation

Back Button USB2422T/MJ Datasheet HTML 29Page - SMSC Corporation USB2422T/MJ Datasheet HTML 30Page - SMSC Corporation USB2422T/MJ Datasheet HTML 31Page - SMSC Corporation USB2422T/MJ Datasheet HTML 32Page - SMSC Corporation USB2422T/MJ Datasheet HTML 33Page - SMSC Corporation USB2422T/MJ Datasheet HTML 34Page - SMSC Corporation USB2422T/MJ Datasheet HTML 35Page - SMSC Corporation USB2422T/MJ Datasheet HTML 36Page - SMSC Corporation USB2422T/MJ Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB2422
33
Revision 1.0 (06-04-13)
DATASHEET
4.4.16
Hub Controller Max Power for Bus-Powered Operation Register
(HCMCB)
4.4.17
Power-On Time Register (PWRT)
4.4.18
Language ID High Register (LANGIDH)
4.4.19
Language ID Low Register (LANGIDL)
Address:
0Fh
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
Hub Controller Max Power Bus-Powered (MAX_PWR_BP)
Value in 2mA increments that the Hub consumes from an upstream port
(VBUS) when operating as a bus- powered hub. This value will include the
hub silicon along with the combined power consumption (from VBUS) of all
associated circuitry on the board. This value will NOT include the power
consumption of a permanently attached peripheral if the hub is configured
as a compound device.
R/W
00h
Address:
10h
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
Power-On Time (POWER_ON_TIME)
The length of time that is takes (in 2 ms intervals) from the time the host
initiated power-on sequence begins on a port until power is good on that
port. System software uses this value to determine how long to wait before
accessing a powered-on port.
R/W
00h
Address:
11h
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
USB Language ID High (LANG_ID_H)
Upper 8 bits of the 16-bit language ID field.
R/W
00h
Address:
12h
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
USB Language ID Low (LANG_ID_L)
Lower 8 bits of the 16-bit language ID field.
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com