Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422T/MJ Datasheet(PDF) 39 Page - SMSC Corporation

Part # USB2422T/MJ
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2422T/MJ Datasheet(HTML) 39 Page - SMSC Corporation

Back Button USB2422T/MJ Datasheet HTML 35Page - SMSC Corporation USB2422T/MJ Datasheet HTML 36Page - SMSC Corporation USB2422T/MJ Datasheet HTML 37Page - SMSC Corporation USB2422T/MJ Datasheet HTML 38Page - SMSC Corporation USB2422T/MJ Datasheet HTML 39Page - SMSC Corporation USB2422T/MJ Datasheet HTML 40Page - SMSC Corporation USB2422T/MJ Datasheet HTML 41Page - SMSC Corporation USB2422T/MJ Datasheet HTML 42Page - SMSC Corporation USB2422T/MJ Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB2422
39
Revision 1.0 (06-04-13)
DATASHEET
4.4.31
Status/Command Register (STCD)
Address:
FFh
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:3
RESERVED
--
2
SMBus Interface Power Down (INTF_PW_DN)
0 = Interface is active
1 = Interface power down after ACK has completed
Note:
This bit is write once and is only cleared by assertion of the
external RESET_N pin.
R/W
0b
1
Reset (RESET)
Resets the SMBus Interface and internal memory back to RESET_N
assertion default settings.
0 = Normal Run/Idle State
1 = Force a reset of the registers to their default state
Note:
During this reset, this bit is automatically cleared to its default value
of 0.
R/W
0b
0
USB Attach and Write Protect (USB_ATTACH)
0 = SMBus slave interface is active
1 = Hub will signal a USB attach event to an upstream device, and the
internal memory that is not Modify capable in the address range 00h-
FEh, is “write-protected” to prevent unintentional data corruption.
Note:
This bit is write once and is only cleared by assertion of the
external RESET_N pin.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com