Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422T/MJ Datasheet(PDF) 34 Page - SMSC Corporation

Part # USB2422T/MJ
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2422T/MJ Datasheet(HTML) 34 Page - SMSC Corporation

Back Button USB2422T/MJ Datasheet HTML 30Page - SMSC Corporation USB2422T/MJ Datasheet HTML 31Page - SMSC Corporation USB2422T/MJ Datasheet HTML 32Page - SMSC Corporation USB2422T/MJ Datasheet HTML 33Page - SMSC Corporation USB2422T/MJ Datasheet HTML 34Page - SMSC Corporation USB2422T/MJ Datasheet HTML 35Page - SMSC Corporation USB2422T/MJ Datasheet HTML 36Page - SMSC Corporation USB2422T/MJ Datasheet HTML 37Page - SMSC Corporation USB2422T/MJ Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (06-04-13)
34
SMSC USB2422
DATASHEET
4.4.20
Manufacturer String Length Register (MFRSL)
4.4.21
Product String Length Register (PRDSL)
4.4.22
Serial String Length Register (SERSL)
4.4.23
Manufacturer String Registers (MANSTR)
Address:
13h
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
Manufacturer String Length (MFR_STR_LEN)
Maximum string length is 31 characters.
R/W
00h
Address:
14h
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
Product String Length (PRD_STR_LEN)
Maximum string length is 31 characters.
R/W
00h
Address:
15h
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
Serial String Length (SER_STR_LEN)
Maximum string length is 31 characters.
R/W
00h
Address:
16h-53h
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
Manufacturer String (MFR_STR)
UNICODE UTF-16LE per USB 2.0 Specification.
Maximum string length is 31 characters (62 Bytes).
Note:
The String consists of individual 16 Bit UNICODE UTF-16LE
characters. The Characters will be stored starting with the LSB at
the least significant address and the MSB at the next 8-bit location
(subsequent characters must be stored in sequential contiguous
address in the same LSB, MSB manner).
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com