Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422T/MJ Datasheet(PDF) 38 Page - SMSC Corporation

Part # USB2422T/MJ
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2422T/MJ Datasheet(HTML) 38 Page - SMSC Corporation

Back Button USB2422T/MJ Datasheet HTML 34Page - SMSC Corporation USB2422T/MJ Datasheet HTML 35Page - SMSC Corporation USB2422T/MJ Datasheet HTML 36Page - SMSC Corporation USB2422T/MJ Datasheet HTML 37Page - SMSC Corporation USB2422T/MJ Datasheet HTML 38Page - SMSC Corporation USB2422T/MJ Datasheet HTML 39Page - SMSC Corporation USB2422T/MJ Datasheet HTML 40Page - SMSC Corporation USB2422T/MJ Datasheet HTML 41Page - SMSC Corporation USB2422T/MJ Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (06-04-13)
38
SMSC USB2422
DATASHEET
4.4.30
Port 1/2 Remap Register (PRTR12)
Address:
FBh
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
Port 1/2 Remap (PRTR12)
When a hub is enumerated by a USB Host Controller, the hub is only
permitted to report how many ports it has, the hub is not permitted to select
a numerical range or assignment. The Host Controller will number the
downstream ports of the hub starting with the number '1', up to the number
of ports that the hub reported as having.
The host's port number is referred to as “Logical Port Number” and the
physical port on the hub is the “Physical Port Number”. When remapping
mode is enabled (PRTMAP_EN in the Configuration Data Byte 3 Register
(CFG3)), the hub's downstream port numbers can be remapped to different
logical port numbers assigned by the host.
Note:
The OEM must ensure that Contiguous Logical Port Numbers are
used, starting from one up to the maximum number of enabled
ports. This ensures that the hub's ports are numbered in
accordance with the way a Host will communicate with the ports.
R/W
00h
Bits[7:4] =
0000
Physical Port 2 is disabled
0001
Physical Port 2 is mapped to Logical Port 1
0010
Physical Port 2 is mapped to Logical Port 2
0011
to
1111
RESERVED
Will default to 0000 value.
Bits[3:0] =
0000
Physical Port 1 is disabled
0001
Physical Port 1 is mapped to Logical Port 1
0010
Physical Port 1 is mapped to Logical Port 2
0011
to
1111
RESERVED
Will default to 0000 value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com