Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422T/MJ Datasheet(PDF) 32 Page - SMSC Corporation

Part # USB2422T/MJ
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2422T/MJ Datasheet(HTML) 32 Page - SMSC Corporation

Back Button USB2422T/MJ Datasheet HTML 28Page - SMSC Corporation USB2422T/MJ Datasheet HTML 29Page - SMSC Corporation USB2422T/MJ Datasheet HTML 30Page - SMSC Corporation USB2422T/MJ Datasheet HTML 31Page - SMSC Corporation USB2422T/MJ Datasheet HTML 32Page - SMSC Corporation USB2422T/MJ Datasheet HTML 33Page - SMSC Corporation USB2422T/MJ Datasheet HTML 34Page - SMSC Corporation USB2422T/MJ Datasheet HTML 35Page - SMSC Corporation USB2422T/MJ Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (06-04-13)
32
SMSC USB2422
DATASHEET
4.4.13
Max Power for Self-Powered Operation Register (MAXPS)
4.4.14
Max Power for Bus-Powered Operation Register (MAXPB)
4.4.15
Hub Controller Max Current for Self-Powered Operation Register
(HCMCS)
Address:
0Ch
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
Max Power Self-Powered (MAX_PWR_SP)
Value in 2mA increments that the Hub consumes from an upstream port
(VBUS) when operating as a self-powered hub. This value includes the hub
silicon along with the combined power consumption (from VBUS) of all
associated circuitry on the board. This value also includes the power
consumption of a permanently attached peripheral if the hub is configured
as a compound device, and the embedded peripheral reports 0mA in its
descriptors.
Note:
The USB2.0 Specification does not permit this value to exceed
100mA.
R/W
00h
Address:
0Dh
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
Max Power Bus-Powered (MAX_PWR_BP)
Value in 2mA increments that the Hub consumes from an upstream port
(VBUS) when operating as a self-powered hub. This value includes the hub
silicon along with the combined power consumption (from VBUS) of all
associated circuitry on the board. This value also includes the power
consumption of a permanently attached peripheral if the hub is configured
as a compound device, and the embedded peripheral reports 0mA in its
descriptors.
R/W
00h
Address:
0Eh
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
Hub Controller Max Current Self-Powered (HC_MAX_C_SP)
Value in 2mA increments that the Hub consumes from an upstream port
(VBUS) when operating as a self- powered hub. This value includes the hub
silicon along with the combined power consumption (from VBUS) of all
associated circuitry on the board. This value does NOT include the power
consumption of a permanently attached peripheral if the hub is configured
as a compound device.
Note:
The USB2.0 Specification does not permit this value to exceed
100mA.
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com