Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R4 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # E39-R4
Description  Sensor connectors, reflectors, mounting brackets, accessories
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R4 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button E39-R4 Datasheet HTML 10Page - Omron Electronics LLC E39-R4 Datasheet HTML 11Page - Omron Electronics LLC E39-R4 Datasheet HTML 12Page - Omron Electronics LLC E39-R4 Datasheet HTML 13Page - Omron Electronics LLC E39-R4 Datasheet HTML 14Page - Omron Electronics LLC E39-R4 Datasheet HTML 15Page - Omron Electronics LLC E39-R4 Datasheet HTML 16Page - Omron Electronics LLC E39-R4 Datasheet HTML 17Page - Omron Electronics LLC E39-R4 Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
14
Twist & click (M12)
XS5F
Ordering information
Note: The XS5F connectors can be attached to standard M12 plug connectors (screw-fix) and to XS5 plug connectors (twist & click). For details on the twist & click
locking mechanism refer to XS5 data sheet.
Specifications
Pin arrangement
Materials
Dimensions
Type
Size
Material
Features
Shape
Length
(m)
Order code
Nut
Cable
Twist & Click
M12
Brass
PVC
For standard
4 pin or Omron
Smartclick con-
nectors
Angled
2
XS5F-D422-D80-A
5
XS5F-D422-G80-A
Straight
2
XS5F-D421-D80-A
5
XS5F-D421-G80-A
Rated current
4A
Rated voltage
125 VDC, 250 VAC
Degree of protection
IP67 (IEC 60529)
Ambient temperature
-25°C to 70°C
M12 4 poles
1 = brown
2 = white
3 = blue
4 = black
5 = n.c.
34
21
5
Pin block
PBT resin (UL94V-0)
Contacts
Phosphor bronze/nickel base, 0.4 µm gold plating
Fixture
Zinc alloy/nickel plated
Cover
Polyester elastomer (UL94V-0)
O-ring
Rubber
6 dia.
40.7
L (Cable length)
50
305
M12
14.9 dia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com