Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R4 Datasheet(PDF) 36 Page - Omron Electronics LLC

Part # E39-R4
Description  Sensor connectors, reflectors, mounting brackets, accessories
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R4 Datasheet(HTML) 36 Page - Omron Electronics LLC

Back Button E39-R4 Datasheet HTML 30Page - Omron Electronics LLC E39-R4 Datasheet HTML 31Page - Omron Electronics LLC E39-R4 Datasheet HTML 32Page - Omron Electronics LLC E39-R4 Datasheet HTML 33Page - Omron Electronics LLC E39-R4 Datasheet HTML 34Page - Omron Electronics LLC E39-R4 Datasheet HTML 35Page - Omron Electronics LLC E39-R4 Datasheet HTML 36Page - Omron Electronics LLC E39-R4 Datasheet HTML 37Page - Omron Electronics LLC E39-R4 Datasheet HTML 38Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
36
Special
polarizing
ABS base
PMMA
surface
Special polarizing filter
to PET
40x80x8.5
E3ZM-B
E39-RP1
General
purpose tape
reflectors
Acrylic
Self adhesive
Pre cut
35x10x0.7
Photoelectric sensors with
and without M.S.R.*1
E39-RS1
Optimised for
E3T-SR4
E39-RS1-CA
40x35x0.7
E39-RS2
Optimised for
E3T-SR4
E39-RS2-CA
80x70x0.6
E39-RS3
Optimised for
E3T-SR4
E39-RS3-CA
Self adhesive
Self cut/roll material
25 mm x 5 m
E39-RS25 5
m
25 mm x 22.8 m
E39-RS25
22.8 m
50 mm x 5 m
E39-RS50 5
m
50 mm x 22.8 m
E39-RS50
22.8 m
High
precision
tape
reflectors
Self adhesive
Pre cut
195x22
Recommended for fine
beam and laser sensors
(E3Z-LR, E3C, E3X)
E39-RS4
108x46
E39-RS5
Shape
Type
Housing
material
Features
Size in mm
Applicable Sensor
Order code
*1 Mirror Surface Rejection (MSR) is realized by using polarization filters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com