Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R4 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E39-R4
Description  Sensor connectors, reflectors, mounting brackets, accessories
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R4 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E39-R4 Datasheet HTML 2Page - Omron Electronics LLC E39-R4 Datasheet HTML 3Page - Omron Electronics LLC E39-R4 Datasheet HTML 4Page - Omron Electronics LLC E39-R4 Datasheet HTML 5Page - Omron Electronics LLC E39-R4 Datasheet HTML 6Page - Omron Electronics LLC E39-R4 Datasheet HTML 7Page - Omron Electronics LLC E39-R4 Datasheet HTML 8Page - Omron Electronics LLC E39-R4 Datasheet HTML 9Page - Omron Electronics LLC E39-R4 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
Detergent resistant cable connectors (M8 / M12)
Y92E-S
Ordering information
Detergent resistant models
Specifications
Pin arrangement
Materials
Type
Size
Material
Features
Shape
Length
(m)*1
Order code
Nut
Cable
detergent resistant
M8
SUS 316L
PVC
3 pin
Angled
2
Y92E-S08PVC3A2M-L
5
Y92E-S08PVC3A5M-L
Straight
2
Y92E-S08PVC3S2M-L
5
Y92E-S08PVC3S5M-L
4 pin
Angled
2
Y92E-S08PVC4A2M-L
5
Y92E-S08PVC4A5M-L
Straight
2
Y92E-S08PVC4S2M-L
5
Y92E-S08PVC4S5M-L
M12
Angled
2
Y92E-S12PVC4A2M-L
5
Y92E-S12PVC4A5M-L
Straight
2
Y92E-S12PVC4C2M-L
5
Y92E-S12PVC4S5M-L
*1 For different cable length please contact your Omron representative
Rated current
4A
Rated voltage
M8 3 pin: 60 VDC
M8 4 pin: 30 VDC
M12 4-wire: 250 VDC
Degree of protection
IP67 (IEC 60529); IP69k (after DIN 40050-1)
Ambient temperature
-25°C to +70°C
M8 3 pin
M8 4 pin
M12 4 pin
1 = brown
3 = blue
4 = black
1 = brown
2 = white
3 = blue
4 = black
1 = brown
2 = white
3 = blue
4 = black
5 = n.c.
31
4
31
42
34
21
5
Pin block
PVC
Contacts
CuSn, nickel base, 0.3 µm gold plating
Fixture
Stainless steel
Cover
PVC
O-ring
EPDM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com