Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R4 Datasheet(PDF) 20 Page - Omron Electronics LLC

Part # E39-R4
Description  Sensor connectors, reflectors, mounting brackets, accessories
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R4 Datasheet(HTML) 20 Page - Omron Electronics LLC

Back Button E39-R4 Datasheet HTML 16Page - Omron Electronics LLC E39-R4 Datasheet HTML 17Page - Omron Electronics LLC E39-R4 Datasheet HTML 18Page - Omron Electronics LLC E39-R4 Datasheet HTML 19Page - Omron Electronics LLC E39-R4 Datasheet HTML 20Page - Omron Electronics LLC E39-R4 Datasheet HTML 21Page - Omron Electronics LLC E39-R4 Datasheet HTML 22Page - Omron Electronics LLC E39-R4 Datasheet HTML 23Page - Omron Electronics LLC E39-R4 Datasheet HTML 24Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
20
Dimensions
Master connectors
E3X-CN21/E3X-CN11
*1 Only E3X-CN21
Slave connectors
E3X-CN22/E3X-CN12
*2 Only E3X-CN22
14.4
2.6
6
2.9
10
0.8
8.4
6.8
10.7
50
+50
0
302
4 dia.
102
4
15.1
6
2,000
+50
0
*
* E3X-CN21: 4-dia. vinyl-insulated round cable with 4 conductors (Conductor cross section: 0.2 mm2, Insulator diameter: 1.1 mm)
*1
14.4
2.6
6
2.9
10
0.8
8.4
6.8
10.7
50
+50
0
302
4 dia.
102
4
15.1
6
2,000
+50
0
*
* E3X-CN21: 4-dia. vinyl-insulated round cable with 4 conductors (Conductor cross section: 0.2 mm2, Insulator diameter: 1.1 mm)
*2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com