Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R4 Datasheet(PDF) 24 Page - Omron Electronics LLC

Part # E39-R4
Description  Sensor connectors, reflectors, mounting brackets, accessories
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R4 Datasheet(HTML) 24 Page - Omron Electronics LLC

Back Button E39-R4 Datasheet HTML 20Page - Omron Electronics LLC E39-R4 Datasheet HTML 21Page - Omron Electronics LLC E39-R4 Datasheet HTML 22Page - Omron Electronics LLC E39-R4 Datasheet HTML 23Page - Omron Electronics LLC E39-R4 Datasheet HTML 24Page - Omron Electronics LLC E39-R4 Datasheet HTML 25Page - Omron Electronics LLC E39-R4 Datasheet HTML 26Page - Omron Electronics LLC E39-R4 Datasheet HTML 27Page - Omron Electronics LLC E39-R4 Datasheet HTML 28Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
24
Mounting accessories for standard photoelectric, inductive and capacitive sensors
E39, Y92E
Mounting brackets and covers
For cylindrical shapes
Shape
Product
group
Type
Housing material
Features
Applicable sensors
Order code
Mounting
brackets
general purpose -
screw fix
plastic
- cost efficient mounting
bracket
- for M8, M12, M18, M30
- surface mounting
-E3F2
-E2A
Y92E-B8
Y92E-B12
Y92E-B18
Y92E-B30
general purpose -
snap fix
stainless steel
- for dia 20 mm
-E3FZ (snap mount)
E39-EL8
general purpose -
screw fix
-for M18
-E3FZ (mounting with
M18 nuts)
-E3F2
E39-EL12
plastic
- for dia 34 mm
-E2K-C
Y92E-A34
quick access -
snap fix
- snap fix for quick
sensor access
- for M8, M12, M18, M30
- surface mounting
-E3F2
(metal housing)
-E2A
(metal housing)
Y92E-BC8
Y92E-BC12
Y92E-BC18
Y92E-BC30
quick access -
clamp fix
stainless steel
- clamp fix for quick
sensor access with
exact repositioning
- for M8, M12, M18, M30
- through mounting
Y92E-G8
Y92E-G12
Y92E-G18
Y92E-G30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com