Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R4 Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # E39-R4
Description  Sensor connectors, reflectors, mounting brackets, accessories
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R4 Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button E39-R4 Datasheet HTML 14Page - Omron Electronics LLC E39-R4 Datasheet HTML 15Page - Omron Electronics LLC E39-R4 Datasheet HTML 16Page - Omron Electronics LLC E39-R4 Datasheet HTML 17Page - Omron Electronics LLC E39-R4 Datasheet HTML 18Page - Omron Electronics LLC E39-R4 Datasheet HTML 19Page - Omron Electronics LLC E39-R4 Datasheet HTML 20Page - Omron Electronics LLC E39-R4 Datasheet HTML 21Page - Omron Electronics LLC E39-R4 Datasheet HTML 22Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
18
Field I/0 boxes
XW3B, XW3D, DRT2
Ordering information
Specifications
Note: For details and dimensions refer to separate datasheet or www.industrial.omron.eu
Type
Nr of inputs/ outputs
Output
configuration
Connection
Order code
Direct wiring
4 x M12 inputs
PNP*1
*1 NPN types are available on request
5m pre-wired
XW3B-P453-G11
6 x M12 inputs
XW3B-P653-G11
8 x M12 inputs
XW3B-P853-G11
Direct wiring with M12 Twist&click
4 x M12 with smartclick inputs
PNP*1
5m pre-wired
XW3D-P453-G11*2
*2 For details refer to Omron XS5 product information
8 x M12 with smartclick inputs
XW3D-P853-G11*2
DeviceNet
4 x M12 inputs
PNP*1
M12
(M12 DeviceNet cables
are available)
DRT2-ID04CL-1
8 x M12 inputs
DRT2-ID08CL-1*3
*3 Separate power supply. Models with power supply via DeviceNet cable are available
16 x M12 inputs
DRT2-HD16CL-1*3
8 x M12 inputs + 8 x M12 outputs
DRT2-MD16CL-1
XW3B/XW3D
DRT2
Rated current
4 A/port (signal lines)
12 A/box (power lines)
6 mA input
0.5 A per point (output)
Rated voltage
10 to 30 VDC
24 VDC
Degree of protection
IP67 (IEC 60529)
Operating temperature
-25°C to 70°C
-10°C to 55°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com