Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLSD3 Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # WLSD3
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLSD3 Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button WLSD3 Datasheet HTML 17Page - Omron Electronics LLC WLSD3 Datasheet HTML 18Page - Omron Electronics LLC WLSD3 Datasheet HTML 19Page - Omron Electronics LLC WLSD3 Datasheet HTML 20Page - Omron Electronics LLC WLSD3 Datasheet HTML 21Page - Omron Electronics LLC WLSD3 Datasheet HTML 22Page - Omron Electronics LLC WLSD3 Datasheet HTML 23Page - Omron Electronics LLC WLSD3 Datasheet HTML 24Page - Omron Electronics LLC WLSD3 Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
WL
WL
21
Connector Models
The connector models allow easy maintenance.
Dimensions/Operating Characteristics
Note: Unless otherwise indicated, a tolerance of ±0.4 mm applies to all dimensions.
Connector Pin Arrangement
Built in switch terminal No.
Pin NO.
3(NO)
3
4(NO)
4
Operating characteristics
WLG2-jLDK13j
WL01G2-jLDK13j
Operating force: OF max.
9.81 N
Release force: RF min.
0.98 N
Pretravel: PT
+2
--1
10°
Overtravel: OT min.
65°
Movement differential: MD max. 7°
Total travel
80°±5°
Connector Pin Arrangement
Built in switch terminal No.
Pin NO.
1(NC)
1
1(NC)
2
3(NO)
3
4(NO)
4
Operating characteristics
WLG2-jLDK13j
WL01G2-jLDK13j
Operating force: OF max.
9.81 N
Release force: RF min.
0.98 N
Pretravel: PT
+2
--1
10°
Overtravel: OT min.
65°
Movement differential: MD max. 7°
Total travel
80°±5°
Note: Stainless steel roller
High-sensitivity
WLG2-jLDK13j
WL01G2-jLDK13j
M5 × 12
Allen-head
bolt
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M6
Depth: 15 min.
42 max.
M12 × 1
17.5 dia. × 7 (see note)
Three, M4 × 13
Four, M3.5
60 max.
Four,
5.2 +0.2
0
dia. holes
High-sensitivity
WLG2-jLDK43j
WL01G2-jLDK43j
Note: 1. Stainless steel roller
2. The indicator is wired on the NO side.
M5 × 12
Allen-head
bolt
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M6
Depth: 15 min.
M12 × 1
17.5 dia. × 7(seenote)
Three, M4 × 13
Four, M3.5
60 max.
42 max.
Four,
5.2 +0.2
0
dia. holes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com